Electronic Components Datasheet Search
  English  ▼

X  

2N4339 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 2N4339
Description  N-Channel JFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2N4339 Datasheet(HTML) 3 Page - Vishay Siliconix

  2N4339 Datasheet HTML 1Page - Vishay Siliconix 2N4339 Datasheet HTML 2Page - Vishay Siliconix 2N4339 Datasheet HTML 3Page - Vishay Siliconix 2N4339 Datasheet HTML 4Page - Vishay Siliconix 2N4339 Datasheet HTML 5Page - Vishay Siliconix 2N4339 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2N4338/4339/4340/4341
Vishay Siliconix
Document Number: 70240
S-04028—Rev. E, 04-Jun-01
www.vishay.com
7-3
SPECIFICATIONS FOR 2N4340 AND 2N4341 (TA = 25_C UNLESS OTHERWISE NOTED)
Limits
2N4340
2N4341
Parameter
Symbol
Test Conditions
Typa
Min
Max
Min
Max
Unit
Dynamic
Common-Source
Forward Transconductance
gfs
1.3
3
2
4
mS
Common-Source
Output Conductance
gos
VDS = 15 V, VGS = 0 V, f = 1 kHz
30
60
mS
Drain-Source On-Resistance
rds(on)
VDS = 0 V, VGS = 0 V, f = 1 kHz
1500
800
W
Common-Source
Input Capacitance
Ciss
5
7
7
Common-Source
Reverse Transfer Capacitance
Crss
VDS = 15 V, VGS = 0 V, f = 1 MHz
1.5
3
3
pF
Equivalent Input Noise Voltagec
en
VDS = 10 V, VGS = 0 V, f = 1 kHz
6
nV
⁄
√Hz
Noise Figure
NF
VDS = 15 V, VGS = 0 V
f = 1 kHz, RG = 1 MW
1
1
dB
Notes
a.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
NPA
b.
Pulse test: PW
v300 ms, duty cycle v3%.
c.
This parameter not registered with JEDEC.
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
0.1 pA
1 pA
10 pA
100 pA
1 nA
10 nA
10
0
8
6
4
2
0
–5
–4
–3
–2
–10
18
12
624
30
5
4
1
3
2
0
Drain Current and Transconductance
vs. Gate-Source Cutoff Voltage
Gate Leakage Current
VGS(off) – Gate-Source Cutoff Voltage (V)
VDG – Drain-Gate Voltage (V)
IDSS @ VDS = 10 V, VGS = 0 V
gfs @ VDS = 10 V, VGS = 0 V
f = 1 kHz
gfs
IDSS
IGSS @ 125
_C
IGSS @ 25
_C
TA = 125_C
TA = 25_C
500 mA
500 mA
ID = 100 mA
ID = 100 mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com