Electronic Components Datasheet Search
  English  ▼

X  

MMBTA55 Datasheet(PDF) 3 Page - Weitron Technology

Part # MMBTA55
Description  Driver PNP Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMBTA55 Datasheet(HTML) 3 Page - Weitron Technology

  MMBTA55 Datasheet HTML 1Page - Weitron Technology MMBTA55 Datasheet HTML 2Page - Weitron Technology MMBTA55 Datasheet HTML 3Page - Weitron Technology MMBTA55 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
WEITRON
http://www.weitron.com.tw
MMBTA55
MMBTA56
FIG4. Switching Time
-20
-10
IC , COLLECTOR CURRENT (mA)
200
100
50
20
10
-100
-50
-200
-500
1.0 k
500
VCC = 40 V
IC/IB = 10
IB1 = IB2
TJ = 25 C
ts
tf
tr
-5.0 -7.0
30
70
300
700
-30
-70
td@ VBE(off) = 0.5 V
-300
FIG6. ON Voltages
FIG7. Collector Saturation Region
FIG8. Base-Emitter Temperature
Coefficient
-100
-500
-0.5
IC, COLLECTOR CURRENT (mA)
-0.8
-1.2
-1.6
-2.0
-2.4
-2.8
-10
R VB for VBE
-1.0 -2.0
-5.0
-20
-50
-200
"
"
FIG.3 Capacitance
VR, REVERSE VOL TAGE (VOLTS)
-1.0
-100
-0.1
100
70
50
30
20
10
-2.0
7.0
5.0
-0.2
-0.5
-5.0
-10 -20
-50
TJ = 25 C
Cibo
Cobo
FIG.5 DC Current Gain
-2.0
-500
-0.5
IC , COLLECTOR CURRENT (mA)
400
200
100
80
60
40
-10
TJ = 125 C
-1.0
-5.0
VCE = -1.0 V
-20
-100
-50
-200
25 C
-55 C
-10
-500
-1.0
IC , COLLECTOR CURRENT (mA)
-1.0
-0.8
-0.6
-0.4
-0.2
0
-100
TJ = 25 C
VBE(sat) @ IC/IB= 10
VCE(sat) @ IC/IB= 10
VBE(on)@ VCE = -1.0 V
-0.5
-2.0
-5.0
-200
-20
-50
IB , BASE CURRENT (mA)
-0.1
-10
-0.05
-1.0
-0.8
-0.6
-0.4
-0.2
0
-1.0
TJ = 25 C
-50
IC =
-100 mA
IC =
-50 mA
IC =
-250 mA
IC =
-500 mA
IC =
-10 mA
-20
-2.0
-5.0
-0.2
-0.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com