Electronic Components Datasheet Search
  English  ▼

X  

357SC5I Datasheet(PDF) 2 Page - CTS Corporation

Part # 357SC5I
Description  5x7mm Low Cost Surface Mount VCXO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

357SC5I Datasheet(HTML) 2 Page - CTS Corporation

  357SC5I Datasheet HTML 1Page - CTS Corporation 357SC5I Datasheet HTML 2Page - CTS Corporation 357SC5I Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
♦ ♦ ♦ CTS Communications Components, Inc. ♦ 171 Covington Drive ♦ Bloomingdale, IL 60108 ♦ 630-924-3500 ♦ ♦ ♦
Document No. 008-0244-0
Page 2 of 3
Rev F (redline) ECO #
Model 357
5x7mm Low Cost
Surface Mount VCXO
.100 [2.54]
.200 [5.08]
Dimensions in Inches [MM]
Suggested Pad Geometry
.079 [2.00]
.173 [4.40]
.071 [1.80]
ORDERING INFORMATION
357
M
Supply Voltage
L = +3.3 Vdc, Pin 2 Enable (std)
S = +5.0 Vdc, Pin 2 Enable (std)
V = +3.3 Vdc, Pin 5 Enable
W = +5.0 Vdc, Pin 5 Enable
Frequency in MHz
M – Indicates decimal point
and MHz. Frequency shall be
recorded with all significant
digits identified.
Absolute Pull Range
A = ±32 ppm (Not Available)
B = ±50 ppm (std)
C = ±80 ppm
D = ±100 ppm
Operating Temperature Range
C = -20°C to +70°C (std)
I = -40°C to +85°C
Frequency Stability
3 = ±50 ppm (std)
5 = ±25 ppm
6 = ±20 ppm
Example P/N: 357LB3C019M4400
MECHANICAL SPECIFICATIONS
Marking Notes:
1. ** Manufacturing Site Code.
2. YY – year, WW – week.
3. Frequency shall be marked
with 4 significant digits to the
right of the “M”.
Terminations plated with
0.3 – 1.0 um gold (Au).
QUALITY AND RELIABILITY
Quality Systems meet or exceed the requirements of ISO 9000: 2000 standards.
Reliability Audits are performed on this or similar products with results available upon request.
Enable Truth Table
Pin 2
Pin 4
“1”
Output
“0”
High Imp.
Open
Output
Pin
Symbol
Functional Description
1
VC
Control Voltage
2
EOH
Enable
3
GND
Circuit and Package Ground
4
Output
RF Output
5
N.C.
Not Connected Internally
6
Vcc
Supply Voltage
1
( 1.12 )
0.044
PIN 1 IDENTIFIER
6
4
3
Inch
( MM )
Key:
( 3.68 )
0.145
( 1.4 )
0.197
( 5.0 )
0.079
0.276
0.055
0.200
( 5.10 )
( 7.0 )
MAX
( 2.0 )
2
5
( 2.54 )
0.100
CTS ** YYWW
357LB3C
• 19M4400



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com