Electronic Components Datasheet Search
  English  ▼

X  

MMBTH10 Datasheet(PDF) 2 Page - Weitron Technology

Part # MMBTH10
Description  NPN Silicon VHF/UHF Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMBTH10 Datasheet(HTML) 2 Page - Weitron Technology

  MMBTH10 Datasheet HTML 1Page - Weitron Technology MMBTH10 Datasheet HTML 2Page - Weitron Technology MMBTH10 Datasheet HTML 3Page - Weitron Technology MMBTH10 Datasheet HTML 4Page - Weitron Technology MMBTH10 Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DC Current Gain
(IC=4.0 mAdc, VCE=10 Vdc)
Collector-Emitter Saturation Voltage
(IC=4.0 mAdc, IB =0.4 mAdc)
VCE(sat)
-
-
-
-
-
-
Vdc
ON CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (T
A=25 C unless otherwise noted) (Countinued)
Characteristics
Symbol
Unit
Min
Max
MMBTH10
hFE
60
SMALL-SIGNAL CHARACTERISTICS
0.5
WEITRON
http://www.weitron.com.tw
Base-Emitter On Voltage
(I =4.0 mVdc, V
=10 V)
C
CE
V
Vdc
Typ
-
0.95
BE(on)
Current-Gain-Bandwidth Product
(IC=4.0 mAdc, VCE=10 Vdc, f=100MHz)
Collector-Base Capacitance
(VCB=10 Vdc, IE =0, f=1.0 MHz)
C
MHz
-
-
-
-
-
-
P
f T
650
0.7
Common-Base Feedback Capacitance
(V
=10 Vdc, I =0 , f=1.0 MHz)
CB
E
Collector Base Time Constant
(I =4.0 mVdc, V
=10 Vdc, f=31.8 MHz)
C
CB
C
-
-
0.65
9.0
rb
rb
cb
F
PF
Ps
‘Cc



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com