Electronic Components Datasheet Search
  English  ▼

X  

MMUN2111 Datasheet(PDF) 2 Page - Weitron Technology

Part # MMUN2111
Description  Bias Resistor Transistor PNP Silicon
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMUN2111 Datasheet(HTML) 2 Page - Weitron Technology

  MMUN2111 Datasheet HTML 1Page - Weitron Technology MMUN2111 Datasheet HTML 2Page - Weitron Technology MMUN2111 Datasheet HTML 3Page - Weitron Technology MMUN2111 Datasheet HTML 4Page - Weitron Technology MMUN2111 Datasheet HTML 5Page - Weitron Technology MMUN2111 Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
WEITRON
http://www.weitron.com.tw
WE IT R ON
MMUN2111 Series
Collector-Emitter Breakdown Voltage
(IC=2.0mA, I =0)
Collector-Base Breakdown Voltage
(IC=10 uA ,IE=0)
Collector-Base Cutoff Voltage
(VCB=50 V, I =0)
Collector-Emitter Cutoff Current
(VCE=50V, I =0)
Emitter-Base Cutoff Current
V(BR)CEO
ICBO
V(BR)CBO
VCE(sat)
ICEO
IEBO
mA
V
nA
V
nA
Characteristics
Symbol
Min
Max
Unit
Off Characteristics
On Characteristics
Typ
50
-
50
-
-
-
-
100
500
-
-
-
Electrical Characteristics (TA=25 C Unless Otherwise noted)
B
E
B
(V =6.0V, I =0)
EB
C
0.5
0.2
0.1
0.2
0.9
1.9
2.3
4.3
0.18
1.5
0.13
0.25
Vdc
MMUN2111
MMUN2112
MMUN2113
MMUN2114
MMUN2115
MMUN2130/MMUN2131
MMUN2115/MMUN2116
MMUN2132/MMUN2133/MMUN2134
MMUN2116
MMUN2130
MMUN2131
MMUN2132
MMUN2133
MMUN2134
Collector-Emitter Saturation Voltage
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
C
C
B
B
(I =10mA, I =5mA)
C
B
(I =10mA, I =1mA)
3. Pulse Test: Pulse Width < 300 us, Duty Cycle < 2.0%
(I =10mA, I =0.3mA)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com