Electronic Components Datasheet Search
  English  ▼

X  

MPS2907 Datasheet(PDF) 3 Page - Weitron Technology

Part # MPS2907
Description  PNP General Purpose Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MPS2907 Datasheet(HTML) 3 Page - Weitron Technology

  MPS2907 Datasheet HTML 1Page - Weitron Technology MPS2907 Datasheet HTML 2Page - Weitron Technology MPS2907 Datasheet HTML 3Page - Weitron Technology MPS2907 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MPS2907
MPS2907A
-0.1
-0.2 -0.3
-0.5 -0.7 -1.0
-2.0
-3.0 -5.0
-7.0
-10
-20
-30
-50 -60
-100
-100
-300
-500
TJ=125 C
25 C
-55 C
VCE
=-1.0V
VCE
=-10V
DC Current Gain
IC, COLLECTOR CURRENT(mA)
3.0
2.0
1.0
0.7
0.5
0.3
0.2
-1.0
-0.8
-0.6
-0.4
-0.2
0
-0.1 -0.2 -0.5
-10
-100 -200 -500
-1.0 -2.0 -5.0
-20
-50
IC, COLLECTOR CURRENT(mA)
TJ=25 C
VCE(sat)@IC/IB=10
VBE(sat)@IC/IB=1C
VBE(on)@VCE= -10V
"On"Voltage
-10
-100 -200
-500 -1000
-1.0 -2.0
-5.0
-20
-50
IC, COLLECTOR CURRENT(mA)
TJ=25 C
VCE=20V
400
300
200
100
80
60
40
30
20
Current-Gain-Bandwidth Product
WEITRON
http://www.weitron.com.tw
Typical Characteristics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com