Electronic Components Datasheet Search
  English  ▼

X  

MPSA13 Datasheet(PDF) 3 Page - Weitron Technology

Part # MPSA13
Description  Plastic-Encapsulate Transistros NPN Darlington Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MPSA13 Datasheet(HTML) 3 Page - Weitron Technology

  MPSA13 Datasheet HTML 1Page - Weitron Technology MPSA13 Datasheet HTML 2Page - Weitron Technology MPSA13 Datasheet HTML 3Page - Weitron Technology MPSA13 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
WE IT R ON
WEITRON
http://www.weitron.com.tw
F igure 7. T hermal R es pons e
t, TIME (ms)
1.0
2.0
5.0
1.0
0.5
0.2
0.1
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
0.01
20
50
10
200
500
100
1.0k
2.0k
5.0k 10k
F igure 8. A ctive R egion S afe Operating A rea
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
1.0k
0.4
700
500
300
200
100
70
50
30
20
10
0.6
1.0
2.0
4.0
6.0
10
20
40
TA = 25 C
D = 0.5
0.2
0.1
0.05
SINGLE PULSE
SINGLE PULSE
CURRENT LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
ZθJC(t) = r(t)ωRθJC T J(pk)- T C = P(pk)ZθJC(t)
ZθJA(t)= r(t)ωRθJA T J(pk)- T A = P(pk)ZθJA(t)
1.0 ms
100
µs
TC = 25 C
1.0 s
Des ign Note: Us e of Trans ient T hermal R es is tance Data
FIGURE A
tP
PP
PP
t1
1/f
DUTYCYCLE
t1 f
t1
tP
PEAK PULSE POWER = PP
MPSA13/MPSA14
3/4
17-Jun-05



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com