Electronic Components Datasheet Search
  English  ▼

X  

74F322 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74F322
Description  8-bit serial/parallel register with sign extend 3-State
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F322 Datasheet(HTML) 6 Page - NXP Semiconductors

  74F322 Datasheet HTML 1Page - NXP Semiconductors 74F322 Datasheet HTML 2Page - NXP Semiconductors 74F322 Datasheet HTML 3Page - NXP Semiconductors 74F322 Datasheet HTML 4Page - NXP Semiconductors 74F322 Datasheet HTML 5Page - NXP Semiconductors 74F322 Datasheet HTML 6Page - NXP Semiconductors 74F322 Datasheet HTML 7Page - NXP Semiconductors 74F322 Datasheet HTML 8Page - NXP Semiconductors 74F322 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Philips Semiconductors
Product specification
74F322
8-bit serial/parallel register with sign extend (3-State)
1988 Apr 22
6
AC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = +25°C
Tamb = 0°C to +70°C
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
VCC = +5.0V
VCC = +5.0V ± 10%
UNIT
CL = 50pF, RL = 500Ω
CL = 50pF, RL = 500Ω
MIN
TYP
MAX
MIN
MAX
fMAX
Maximum clock frequency
Waveform 1
110
125
90
MHz
tPLH
tPHL
Propagation delay
CP to I/On
Waveform 1
4.0
4.5
6.0
7.0
9.0
9.5
4.0
4.5
10.0
10.0
ns
ns
tPLH
tPHL
Propagation delay
CP to Q7
Waveform 1
4.5
5.0
6.5
6.5
9.0
9.0
4.5
5.0
10.0
9.0
ns
ns
tPHL
Propagation delay
MR to I/On
Waveform 2
5.0
6.5
9.5
4.5
10.0
ns
tPHL
Propagation delay
MR to Q7
Waveform 2
5.0
6.5
9.5
4.5
10.0
ns
tPZH
tPZL
Output Enable time
OE to I/On
Waveform 4
Waveform 5
3.0
5.5
5.0
7.5
8.0
10.5
3.0
5.0
9.0
11.0
ns
ns
tPHZ
tPLZ
Output Disable time
OE to I/On
Waveform 4
Waveform 5
2.0
1.0
4.0
2.5
6.5
5.5
2.0
1.0
7.5
6.0
ns
ns
tPZH
tPZL
Output Disable time
S/P to I/On
Waveform 4
Waveform 5
4.0
6.0
6.0
8.0
9.0
11.0
3.5
5.5
10.0
11.5
ns
ns
tPHZ
tPLZ
Output Disable time
S/P to I/On
Waveform 4
Waveform 5
4.0
2.0
6.0
4.0
9.0
7.0
3.5
2.0
10.5
7.5
ns
ns
tPZH
tPZL
Output Disable time
RE to I/On
Waveform 4
Waveform 5
8.0
9.0
9.5
11.0
12.5
14.0
7.0
8.0
14.0
16.0
ns
ns
tPHZ
tPLZ
Output Disable time
RE to I/On
Waveform 4
Waveform 5
6.5
4.5
8.5
6.5
11.5
9.5
5.5
4.0
13.0
10.5
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com