Electronic Components Datasheet Search
  English  ▼

X  

DD340N22S Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # DD340N22S
Description  Rectifiey Diode Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

DD340N22S Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  DD340N22S Datasheet HTML 1Page - Inchange Semiconductor Company Limited DD340N22S Datasheet HTML 2Page - Inchange Semiconductor Company Limited DD340N22S Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
DD340N22S
Rectifiey Diode Module
FEATURES
·
High surge current capability
·
Isolated mounting base
·
High voltage ratings up to 2200V
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Rectifier for drives applications
·
Rectifiers for UPS
·
Battery chargers
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VRRM
Repetitive Peak Reverse Voltage
2200
V
IF(AV)
Average Forward Current
TC=100℃,
180° conduction, half sine wave
330
A
IF(RMS)
R.M.S. Forward Current
550
A
IFSM
Surge Forward Current
10ms,half sine wave,VR=0.6VRRM
10
KA
I2t
I2t for fusing
510
A2S*103
TJ
Junction Temperature
-40~125
℃
Tstg
Storage Temperature Range
-40~125
℃
Viso
Isolation Breakdown Voltage(R.M.S.) 50Hz,R.M.S,t=1min,Iiso:1mA(max)
3000
V
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
0.11
℃
/W


Similar Part No. - DD340N22S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DD340N22S INFINEON-DD340N22S Datasheet
578Kb / 10P
Solder-Bond Technology
2017-06-21 Revision 3.7
More results

Similar Description - DD340N22S

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMDD-70 SEMPO-SMDD-70 Datasheet
49Kb / 1P
DIODE-DIODE MODULE
SMDD-50 SEMPO-SMDD-50 Datasheet
77Kb / 1P
DIODE-DIODE MODULE
SMDD-90H SEMPO-SMDD-90H Datasheet
42Kb / 1P
DIODE-DIODE MODULE
SMDD-160 SEMPO-SMDD-160 Datasheet
45Kb / 1P
Diode-Diode Module
SMDD-320I SEMPO-SMDD-320I Datasheet
44Kb / 1P
Diode-Diode Module
MAA-100 SEMPO-MAA-100 Datasheet
72Kb / 2P
Diode-Diode Module
logo
Naina Semiconductor ltd...
25NDD NAINA-25NDD Datasheet
121Kb / 2P
Diode - Diode Module
56NDD NAINA-56NDD Datasheet
121Kb / 2P
Diode - Diode Module
100NDD NAINA-100NDD Datasheet
137Kb / 2P
Diode ??Diode Module
160NDD NAINA-160NDD Datasheet
130Kb / 2P
Diode - Diode Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com