Electronic Components Datasheet Search
  English  ▼

X  

LTC4332 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC4332
Description  SPI Extender Over Rugged Differential Link
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4332 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC4332 Datasheet HTML 3Page - Analog Devices LTC4332 Datasheet HTML 4Page - Analog Devices LTC4332 Datasheet HTML 5Page - Analog Devices LTC4332 Datasheet HTML 6Page - Analog Devices LTC4332 Datasheet HTML 7Page - Analog Devices LTC4332 Datasheet HTML 8Page - Analog Devices LTC4332 Datasheet HTML 9Page - Analog Devices LTC4332 Datasheet HTML 10Page - Analog Devices LTC4332 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LTC4332
7
Rev. A
For more information www.analog.com
SS2 (Pin 12): Remote Slave Select 2 (Active Low). When
in local mode, SS2 is an input. Set SS2 low to initiate a
remote SPI transfer using pins SCK, MOSI, and MISO.
When in remote mode, SS2 is an output and can be con-
nected to a remote SPI device’s slave or chip select input.
SS2 must be set high when the SPI bus is idle. SS2 is
weakly pulled to VL and can be unconnected if not used.
SS3 (Pin 13): Remote Slave Select 3 (Active Low). When
in local mode, SS3 is an input. Set SS3 low to initiate a
remote SPI transfer using pins SCK, MOSI, and MISO.
When in remote mode, SS3 is an output and can be con-
nected to a remote SPI device’s slave or chip select input.
SS3 must be set high when the SPI bus is idle. SS3 is
weakly pulled to VL and can be unconnected if not used.
SPEED1 (Pin 14): Link and Interface Timing Select 1.
SPEED1 is a 3-State input and in conjunction with SPEED2
selects link baud rate and the remote SCK timing parame-
ters. Set to high, low, or float as defined in Table 2.
SPEED2 (Pin 15): Link and Interface Timing Select 2.
SPEED2 is a 3-State input and in conjunction with SPEED1
selects link baud rate and the remote SCK timing parame-
ters. Set to high, low, or float as defined in Table 2.
GND (Pin 16, 21): Connect to GND.
Link (Referenced to GND and VCC)
Y (Pin 17): Non-inverting Link Driver Output. Connect to
the A pin of a second LTC4332 device set to the opposite
mode.
Z (Pin 18): Inverting Link Driver Output. Connect to the B
pin of a second LTC4332 device set to the opposite mode.
B (Pin 19): Inverting Link Receiver Input. Connect to the
Z pin of the second LTC4332 device set to the opposite
mode.
A (Pin 20): Non-inverting Link Receiver Input. Connect
to the Y pin of the second LTC4332 device set to the
opposite mode.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com