Electronic Components Datasheet Search
  English  ▼

X  

LTC4316 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC4316
Description  I2C Slave Device Extender Over Rugged Differential Link
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4316 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC4316 Datasheet HTML 16Page - Analog Devices LTC4316 Datasheet HTML 17Page - Analog Devices LTC4316 Datasheet HTML 18Page - Analog Devices LTC4316 Datasheet HTML 19Page - Analog Devices LTC4316 Datasheet HTML 20Page - Analog Devices LTC4316 Datasheet HTML 21Page - Analog Devices LTC4316 Datasheet HTML 22Page - Analog Devices LTC4316 Datasheet HTML 23Page - Analog Devices LTC4316 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
LTC4331
20
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
PEC transfers are recommended in high noise environ-
ments or high reliability systems.
Table4. Device Address
A1 (Note 1)
A2 (Note 1)
DEVICE ADDR (7-Bit)
L
L
3Eh
Float
L
3Ch
H
L
3Fh
L
Float
3Dh
H
Float
75h
L
H
76h
Float
H
74h
H
H
77h
Float
Float
Internal Slave Device is Disabled
Note 1: For assignments to Float, 0.5 • VL can also be applied to pin.
Register Naming Conventions
RW
Read-Write
RO
Read Only
W0C Write Zero to Clear
CONFIG Register (RW)
FIELD
DESCRIPTION
INTR_MODE
When low, the internal slave interrupt behavior on pin ALERT is SMBALERT. The internal slave device recognizes and responses to
an ARA. When high, the internal slave device ignores the ARA.
CTRL_SEL
When low, the local CTRL pin input is mirrored to the remote CTRL output pin. When high, the value in register CTRL is used instead.
STATUS (RO)
FIELD
DESCRIPTION
NLINK
The level driven by pin LINK. High impedance is interpreted as 1.
NALERT
The level driven by the local side pin ALERT. High impedance is interpreted as 1.
EXT_NALERT
The level driven into the remote ALERT pin. Link must be established.
SPEED_IDX
<0-8>. Encoded index from values set on SPEED1 and SPEED2. See Table2. Link Speed.
Table5. Register Map
REGISTER
NAME
DATA
DEFAULT
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00h
CONFIG
–
–
–
–
–
–
CTRL_SEL
INTR_MODE
0x00
01h
STATUS
SPEED_IDX
Reserved
EXT_NALERT
NALERT
NLINK
–
02h
EVENT
–
–
–
–
–
FAULT
LINK_LOST
LINK_GOOD
0x00
03h
ALERT_EN
–
–
–
–
–
FAULT_EN
LINK_LOST_EN LINK_GOOD_EN
0x00
04h
FAULT
–
–
–
–
TX_BUF_OVERFLOW EXT_I2C_FAULT LINK_FAULT I2C_WRITE_FAULT
0x00
05h
SCRATCH
SCRATCH
0x08
06h
ADDR_TRANS
–
I2C_TRANS
0x00
07h
CTRL
–
–
–
–
–
–
–
SW_CTRL
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com