Electronic Components Datasheet Search
  English  ▼

X  

LT3965 Datasheet(PDF) 18 Page - Analog Devices

Part # LT3965
Description  I2C to CAN-Physical Transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3965 Datasheet(HTML) 18 Page - Analog Devices

Back Button LT3965 Datasheet HTML 14Page - Analog Devices LT3965 Datasheet HTML 15Page - Analog Devices LT3965 Datasheet HTML 16Page - Analog Devices LT3965 Datasheet HTML 17Page - Analog Devices LT3965 Datasheet HTML 18Page - Analog Devices LT3965 Datasheet HTML 19Page - Analog Devices LT3965 Datasheet HTML 20Page - Analog Devices LT3965 Datasheet HTML 21Page - Analog Devices LT3965 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
LT3960
18
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
Multidrop Applications
The LT3960 can be used in a multidrop setup, employ-
ing multiple slave-mode LT3960’s to generate multiple
local I2C buses on multiple PCBs along the length of the
I2CAN bus lines. No additional termination is required in
a multidrop system, but some care must be taken in the
design of such systems. The stub length, or the distance
from twisted pairs to any additional LT3960, should be
less than 0.3m. Stub lengths to the CANSDA and CANSCL
buses should be as close as possible in length to avoid
adding unequal transmission delays to the clock and
data signals.
Figure 13.
LT3960
I2C SLAVE
LT3960
I2C SLAVE
LT3960
I2C SLAVE
I2C SLAVE
120
120
120
120
3960 F14
Multidrop Setup
Maximum Data Transmission Rate
Successful communication in any I2C application is
dependent on slave I2C devices’ timely acknowledgment
(or ACK) upon receiving a byte of data. Specifically, I2C
slaves must assert the SDA line after the eighth clock
pulse leaving enough setup time before the ninth rising
edge of SCL to guarantee that the ACK will be received by
the I2C master. This requirement is straightforward when
all I2C devices share the same I2C bus, but in LT3960
applications where master and slave I2C buses are sepa-
rated by various propagation delays, extra care must be
taken to ensure that ACKs from slave I2C devices will be
received by the I2C master at the desired transmission
rate. In LT3960 applications, the SCL low period between
successive clock pulses (tLOW)must be less than the sum
of the propagation delays (tPI2CBD and tPBI2CD), slave ACK
time (tVD;ACK), and master data setup time (tSU;ACK). This
requirement is shown explicitly in Equation 1.
tLOW >2 tPI2CBD,max + tCABLE + tPBI2CD,max
(
)
+tVD;ACK,max + tSU;ACK
(1)
A conservative estimate of propagation delay
through a twisted pair based on cable length is shown in
Equation 2. Equation 2 is useful for rough estimates, but
when designing applications always calculate propaga-
tion delay based on the actual physical properties of the
cabling used for the I2CAN bus lines.
tCABLE =
ICABLE
0.15m/ns
(2)
Fast-mode (400kHz capable) I2C devices are allowed 0.9µs
to acknowledge a valid data byte, even while ACK times
(tVD;ACK) are often much shorter in practice. A tVD;ACK of
0.9µs would limit the data transmission rate of a LT3960
application to under 400kHz for even one meter of twisted
pair. For this reason, it is recommended that all I2C slaves
be Fast-mode Plus (1MHz) devices instead of Fast-mode
(400kHz) devices when attempting to maximize trans-
mission rate. The shorter maximum tVD;ACK (450ns) of
Fast-mode plus devices allows for communication across
a greater distance at any given clock speed. Figure 14
consolidates the information above, plotting maximum
clock speeds for a given bus length for applications with
fast-mode and fast-mode plus devices.
Figure 14.
FAST–MODE SLAVE DEVICES
FAST–MODE PLUS SLAVE DEVICES
BUS LENGTH (m)
0
5 10 15 20 25 30 35 40 45 50
200
225
250
275
300
325
350
375
400
425
450
3960 F14
Maximum I2CAN Clock Speed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com