Electronic Components Datasheet Search
  English  ▼

X  

LTM2892 Datasheet(PDF) 16 Page - Analog Devices

Part # LTM2892
Description  I2C Slave Device Extender Over Rugged Differential Link
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2892 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTM2892 Datasheet HTML 12Page - Analog Devices LTM2892 Datasheet HTML 13Page - Analog Devices LTM2892 Datasheet HTML 14Page - Analog Devices LTM2892 Datasheet HTML 15Page - Analog Devices LTM2892 Datasheet HTML 16Page - Analog Devices LTM2892 Datasheet HTML 17Page - Analog Devices LTM2892 Datasheet HTML 18Page - Analog Devices LTM2892 Datasheet HTML 19Page - Analog Devices LTM2892 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
LTC4331
16
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
BydefaultthelocaladdressableslavedeviceintheLTC4331
recognizes the Alert Response Address (ARA) and par-
ticipates in the Alert Response protocol. If an EVENT is
triggered and its corresponding ALERT_EN bit is set high,
ALERT is driven low. If the master transmits the Alert Re-
sponse protocol and the LTC4331’s internal slave address
is the lowest numerically, then the LTC4331 releases its
local alert output. Note that local ALERT could continue
to be low due to a low value from a remote ALERT pin.
The remote ALERT function in the LTC4331 is not directly
affected by an Alert Response transaction. The signal on
the remote ALERT pin is always propagated to the local
side if connected. If using SMBus slave devices on both
sides of the link that respond to the ARA, the remote
slaves must have higher priority device addresses than
the devices on the local side, see section Considerations.
The LTC4331’s internal slave device can be programmed
to ignore the ARA and switch the function of pin ALERT
from SMBALERT to interrupt mode. To switch to interrupt
mode set INTR_MODE in the CONFIG register to 1. To
clear the interrupt set the triggered event or the corre-
sponding event enable bit to 0. This method is also valid
in SMBALERT mode in lieu of the ARA protocol.
Control
Through the CTRL pin, the LTC4331 provides an addi-
tional signal to control a remote device’s input pin. When
in remote mode, the CTRL pin is an output and reflects
the value either on the local side CTRL pin or the value
programmed into the bit field SW_CTRL. A separate bit
field CTRL_SEL selects pin or register control. By default
the value on local CTRL pin is used. Local CTRL values
transfer to the remote side CTRL only when the commu-
nication link is established and pin LINK is low.
At startup the CTRL output driver is disabled and a weak
internal pull-up prevents the pin from floating. The CTRL
pin’soutputdriverenablesonlywhenlinkcommunicationis
established.Thereafter,theremoteCTRLpin’soutputdriver
is always enabled except after a remote reset event where
it is disabled until link communication is reestablished.
I2C Address Translation
The address translation feature allows the use of multiple
I2C slave devices with fixed or limited device address
rangesonthesamenetwork.TheLTC4331I2Cslavedevice
automatically translates the incoming address using an
XOR function against the internal register ADDR_TRANS.
Address translation is enabled by setting this register to
a non-zero value. ADDR_TRANS must be programmed
before any accesses to the remote slave if that slave
requires address translation or there will be a collision.
See Figure12.
Timeouts
The LTC4331 respects SMBus SMBCLK low timeouts on
the SCL pin. When in local mode and SCL is held low for a
minimum of tTIMEOUT:SLAVE:MAX, the I2C Interface is reset
and SCL and SDA are released if held low. On the remote
ADDR = 0x10
µP
SCL
SDA
A
B
A
B
LTC4331
ADDR = 0x16
DEVICE
0
0
1
0
0
0
0
ADDR_TRANS
REGISTER
LTC4331
ADDR = 0x16
ADDR = 0x16
DEVICE
SCL
SDA
ACK
ACK
SCL
SDA
NACK
0
0
0
0
0
1
1
0
0
1
0
0
1
1
INCOMING
ADDR
OUTGOING
ADDR
REMOTE
REMOTE
REMOTE SLAVE
LOCAL SLAVE
4331 F12
Figure12. Address 0x10 Is Translated to 0x16 for the Remote Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com