Electronic Components Datasheet Search
  English  ▼

X  

S1DB Datasheet(PDF) 3 Page - Weitron Technology

Part # S1DB
Description  Surface Mount Standard Recovery Glass Passivated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

S1DB Datasheet(HTML) 3 Page - Weitron Technology

  S1DB Datasheet HTML 1Page - Weitron Technology S1DB Datasheet HTML 2Page - Weitron Technology S1DB Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
S1AB thru S1MB
http://www.weitron.com.tw
WEITRON
0
0.2
0.4
0.6
0.8
1.0
40
60
80
100
120
140
160
180
T , TERMINALTEMPERATURE (°C)
T
FIG1.
.
Forward Current Derating Curve
R esistive or
inductive load
0
40
80
120
0.01
0.1
1.0
10
100
1000
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG4. Typical Reverse Characteristics
T = 25°C
j
T = 125°C
j
1
10
100
5
10
15
20
25
30
NUMBER OF CYCLES @ 60Hz
FIG3. Typical Forward Characteristics
8.3ms S ingle half sine-wave
J E DE C Method
0.4
0.8
0.01
1.6
0.1
10
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
FIG2. Typical Forward Characteristics
1.0
1.2
0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com