Electronic Components Datasheet Search
  English  ▼

X  

74F350 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74F350
Description  4-bit shifter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F350 Datasheet(HTML) 1 Page - NXP Semiconductors

  74F350 Datasheet HTML 1Page - NXP Semiconductors 74F350 Datasheet HTML 2Page - NXP Semiconductors 74F350 Datasheet HTML 3Page - NXP Semiconductors 74F350 Datasheet HTML 4Page - NXP Semiconductors 74F350 Datasheet HTML 5Page - NXP Semiconductors 74F350 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Philips Semiconductors FAST Products
Product specification
74F350
4-bit shifter
1
March 20, 1989
853–0368 96093
FEATURES
• Shifts 4 bits of data to 0, 1, 2, 3 places under control of two
select lines
• 3-State outputs for bus organized systems
DESCRIPTION
The 74F350 is a combination logic circuit that shifts a 4-bit word
from 0 to 3 places. No clocking is required as with shift registers.
The 74F350 can be used to shift any number of bits any number of
places up or down by suitable interconnection. Shifting can be:
1. Logical — with logic zeros filled in at either end of the shifting
field.
2. Arithmetic — where the sign bit is extended during a shift down.
3. End around — where the data word forms a continuous loop.
The 3-State outputs are useful for bus interface applications or
expansion to a larger number of shift positions in end around
shifting. The active Low Output Enable (OE) controls the state of the
outputs. The outputs are in the high impedance “off” state when OE
is High, and they are active when OE is Low.
PIN CONFIGURATION
16
15
14
13
12
11
10
7
6
5
4
3
2
1
I3
VCC
Y2
Y3
S0
OE
Y0
Y1
I–3
I–2
I2
I–1
I0
I1
9
8
GND
S1
SF00205
ORDERING INFORMATION
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%, Tamb = 0°C to +70°C
16-pin plastic DIP
N74F350N
16-pin plastic SO
N74F350D
TYPE
TYPICAL PROPAGATION DELAY
TYPICAL SUPPLY CURRENT (TOTAL)
74F350
5.2ns
24mA
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F (U.L.) HIGH/LOW
LOAD VALUE HIGH/LOW
I–n, In
Data inputs
1.0/2.0
20
µA/1.2mA
S0, S1
Select inputs (active Low)
1.0/2.0
20
µA/1.2mA
OE
Output Enable input (active Low)
1.0/2.0
20
µA/1.2mA
Y0 – Y3
Data outputs
150/40
3.0mA/24mA
NOTE: One (1.0) FAST unit load is defined as: 20
µA in the High state and 0.6mA in the Low state.
LOGIC SYMBOL
VCC = Pin 16
GND = Pin 8
SF00206
9
10
13
S1
S0
OE
1
2
3
4
5
6
7
I–3
I–2
I–1
I0
I1
I2
I3
Y0
Y1
Y2
Y3
15
14
12
11
IEC/IEEE SYMBOL
SF00207
0
9
10
D MUX
13
G
0
3
[SHIFTER]
1
EN
≥1
15
10
3
11
2
12
1
13
0
≥1
14
11
3
12
2
13
1
14
0
≥1
12
12
3
13
2
14
1
15
0
≥1
11
13
3
14
2
15
1
16
0
Z10
1
Z11
2
Z12
3
Z13
4
Z14
5
Z15
6
Z16
7


Similar Part No. - 74F350

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F350 FAIRCHILD-74F350 Datasheet
74Kb / 8P
4-Bit Shifter with 3-STATE Outputs
74F350PC FAIRCHILD-74F350PC Datasheet
74Kb / 8P
4-Bit Shifter with 3-STATE Outputs
74F350SC FAIRCHILD-74F350SC Datasheet
74Kb / 8P
4-Bit Shifter with 3-STATE Outputs
74F350SJ FAIRCHILD-74F350SJ Datasheet
74Kb / 8P
4-Bit Shifter with 3-STATE Outputs
More results

Similar Description - 74F350

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F350 FAIRCHILD-74F350 Datasheet
74Kb / 8P
4-Bit Shifter with 3-STATE Outputs
logo
Motorola, Inc
MC74AC350 MOTOROLA-MC74AC350 Datasheet
232Kb / 9P
4-BIT SHIFTER WITH 3-STATE OUTPUTS
logo
M/A-COM Technology Solu...
MAPS-010143 MA-COM-MAPS-010143 Datasheet
618Kb / 6P
Digital Phase Shifter 4-Bit, 1.4 - 2.4 GHz
MAPS-010144 MA-COM-MAPS-010144 Datasheet
627Kb / 7P
Digital Phase Shifter 4-Bit, 2.3 - 3.8 GHz
MAPS-010145 MA-COM-MAPS-010145 Datasheet
672Kb / 6P
Digital Phase Shifter 4-Bit, 3.5 - 6.0 GHz
logo
Texas Instruments
SN74F350 TI1-SN74F350 Datasheet
140Kb / 4P
4-BIT SHIFTER WITH 3-STATE OUTPUTS
TXB0304 TI1-TXB0304_15 Datasheet
982Kb / 25P
4-Bit Bidirectional Level-Shifter/Voltage Translator
logo
Custom MMIC Design Serv...
CMD175P4 MMIC-CMD175P4 Datasheet
257Kb / 11P
2-4 GHz 5-Bit Digital Phase Shifter
CMD176P4 MMIC-CMD176P4 Datasheet
550Kb / 11P
13-17 GHz 4-Bit Digital Phase Shifter
logo
Qorvo, Inc
CMD175P4 QORVO-CMD175P4 Datasheet
257Kb / 11P
2-4 GHz 5-Bit Digital Phase Shifter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com