Electronic Components Datasheet Search
  English  ▼

X  

N74F322D Datasheet(PDF) 7 Page - NXP Semiconductors

Part # N74F322D
Description  8-bit serial/parallel register with sign extend 3-State
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

N74F322D Datasheet(HTML) 7 Page - NXP Semiconductors

  N74F322D Datasheet HTML 1Page - NXP Semiconductors N74F322D Datasheet HTML 2Page - NXP Semiconductors N74F322D Datasheet HTML 3Page - NXP Semiconductors N74F322D Datasheet HTML 4Page - NXP Semiconductors N74F322D Datasheet HTML 5Page - NXP Semiconductors N74F322D Datasheet HTML 6Page - NXP Semiconductors N74F322D Datasheet HTML 7Page - NXP Semiconductors N74F322D Datasheet HTML 8Page - NXP Semiconductors N74F322D Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Philips Semiconductors
Product specification
74F322
8-bit serial/parallel register with sign extend (3-State)
1988 Apr 22
7
AC SETUP REQUIREMENTS
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = +25°C
Tamb = 0°C to +70°C
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
VCC = +5.0V
VCC = +5.0V ± 10%
UNIT
CL = 50pF, RL = 500Ω
CL = 50pF, RL = 500Ω
MIN
TYP
MAX
MIN
MAX
ts(H)
ts(L)
Setup time, High or Low
RE to CP
Waveform 3
8.0
12.5
9.5
14.0
ns
ns
th(H)
th(L)
Hold time, High or Low
RE to CP
Waveform 3
0
0
0
0
ns
ns
ts(H)
ts(L)
Setup time, High or Low
D0, D1 or I/On to CP
Waveform 3
4.0
4.5
6.0
5.0
ns
ns
th(H)
th(L)
Hold time, High or Low
D0, D1 or I/On to CP
Waveform 3
0
0
0
0
ns
ns
ts(H)
ts(L)
Setup time, High or Low
SE to CP
Waveform 3
5.5
5.0
7.0
5.5
ns
ns
th(H)
th(L)
Hold time, High or Low
SE to CP
Waveform 3
0
0
0
0
ns
ns
ts(H)
ts(L)
Setup time, High or Low
S/P to CP
Waveform 3
10.5
9.5
11.0
10.5
ns
ns
ts(H)
ts(L)
Setup time, High or Low
S to CP
Waveform 3
4.0
8.5
4.5
9.5
ns
ns
th(H)
th(L)
Hold time, High or Low
S or S/P to CP
Waveform 3
0
0
0
0
ns
ns
tw(H)
tw(L)
CP Pulse width, High or Low
Waveform 3
5.0
5.0
5.0
5.0
ns
tw(L)
MR Pulse width, Low
Waveform 3
5.0
5.0
ns
tREC
Recovery time, MR to CP
Waveform 2
4.0
4.5
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com