Electronic Components Datasheet Search
  English  ▼

X  

PI5USB2546A Datasheet(PDF) 5 Page - Diodes Incorporated

Part # PI5USB2546A
Description  USB Charging Port Controller and Load Detection Power Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI5USB2546A Datasheet(HTML) 5 Page - Diodes Incorporated

  PI5USB2546A Datasheet HTML 1Page - Diodes Incorporated PI5USB2546A Datasheet HTML 2Page - Diodes Incorporated PI5USB2546A Datasheet HTML 3Page - Diodes Incorporated PI5USB2546A Datasheet HTML 4Page - Diodes Incorporated PI5USB2546A Datasheet HTML 5Page - Diodes Incorporated PI5USB2546A Datasheet HTML 6Page - Diodes Incorporated PI5USB2546A Datasheet HTML 7Page - Diodes Incorporated PI5USB2546A Datasheet HTML 8Page - Diodes Incorporated PI5USB2546A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
PI5USB2546A
www.diodes.com
July 2018
Document Number DS41265 Rev 1-2
5
© Diodes Incorporated
PI5USB2546A
Electrical Characteristics
4.5V≤V
IN≤5.5V; TJ=-40°C to +125°C; VEN =VIN, VILIM_SEL=VIN, VCTL1= VCTL2= VCTL3=VIN, R/FAULT=R/STATUS=10kΩ, RILIM_HI=20kΩ,
RILIM_LO=80.6kΩ, Positive currents are into pins. Typical values are at 25°C. All voltages are with respect to GND. unless otherwise specified.
Symbol
Description
Test Conditions
Min.
Typ.
Max.
Unit
ILIM_SEL Current Limit
IOS
OUT Current-limit
(2)
VILIM_SEL= 0 V RILIM_LO=210kΩ
205
240
275
mA
VILIM_SEL= 0 V RILIM_LO=80.6kΩ
575
625
680
VILIM_SEL= 0 V RILIM_LO=22.1kΩ
2120
2275
2430
VILIM_SEL= VIN RILIM_HI=20kΩ
2340
2510
2685
VILIM_SEL= VIN RILIM_HI=16.9kΩ
2770
2970
3170
tIOS
Response time to OUT short circuit
(1)
VIN = 5.0V, R=0.1Ω, lead length=2”
-
1.5
-
s
Supply Current
IIN_OFF
Disabled IN supply current
VEN=0V, VOUT=0V, TJ =-40°C to +125°C
-
0.1
2
A
IIN_ON
Enable IN supply current
VCTL1=VCTL2= VIN, VCTL3= 0V VILIM_SEL = 0V
-
165
220
VCTL1 = VCTL2 = VCTL3 = VIN, VILIM_SEL = 0V
-
175
230
VCTL1 = VCTL2 = VIN, VCTL3 = 0V, VILIM_SEL = VIN
-
185
240
VCTL1 = VCTL2 = VCTL3 = VIN, VILIM_SEL = VIN
-
195
250
VCTL1 = 0V, VCTL2 = VCTL3 = VIN, VILIM_SEL = 0V
-
215
270
VCTL1 = 0V, VCTL2 = VCTL3 = VIN, VILIM_SEL = VIN
-
240
290
Undervoltage Lockout
VUVLO
IN rising UVLO threshold voltage
-
3.9
4.1
4.3
V
Hysteresis
(1)
-
-
100
-
mV
/FAULT
VOL
Output low voltage
I/FAULT = 1mA
-
-
100
mV
IOFF
Off-state leakage current
V/FAULT = 5.5V
-
-
1
A
TD
Over current /FAULT rising and falling deglitch
-
5
8.2
12
ms
/STATUS (PI5USB2546A)
VOL
Output low voltage
I/STATUS = 1mA
-
-
100
mV
IOFF
Off-state leakage
V/STATUS = 5.5V
-
-
1
A
Thermal Shutdown
OTSD
Thermal shutdown threshold
-
170
-
°C
Hysteresis
(1)
-
-
20
-
Note:
(1) These parameters are provided for reference only and do not constitute part of Pericom's published device specifications for purposes of Pericom's product
warranty
(2) Pulse-testing techniques maintain junction temperature close to ambient temperature; current limit value tested at 80% output voltage. Thermal effects must
be taken into account separately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com