Electronic Components Datasheet Search
  English  ▼

X  

TEST2600 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TEST2600
Description  Silicon NPN Phototransistor, RoHS Compliant
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TEST2600 Datasheet(HTML) 2 Page - Vishay Siliconix

  TEST2600 Datasheet HTML 1Page - Vishay Siliconix TEST2600 Datasheet HTML 2Page - Vishay Siliconix TEST2600 Datasheet HTML 3Page - Vishay Siliconix TEST2600 Datasheet HTML 4Page - Vishay Siliconix TEST2600 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions, contact: detectortechsupport@vishay.com
Document Number: 81562
518
Rev. 1.7, 08-Sep-08
TEST2600
Vishay Semiconductors Silicon NPN Phototransistor, RoHS Compliant
Fig. 1 - Power Dissipation Limit vs. Ambient Temperature
Note
Tamb = 25 °C, unless otherwise specified
BASIC CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Fig. 2 - Collector Dark Current vs. Ambient Temperature
Fig. 3 - Relative Collector Current vs. Ambient Temperature
020
40
60
80
0
20
40
80
100
120
T
amb - Ambient Temperature (°C)
100
20907
60
10
30
50
70
90
BASIC CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Collector emitter breakdown voltage
IC = 1 mA
V(BR)CEO
70
V
Collector emitter dark current
VCE = 20 V, E = 0
ICEO
1
100
nA
Collector emitter capacitance
VCE = 5 V, f = 1 MHz, E = 0
CCEO
6pF
Collector light current
Ee = 1 mW/cm2, λ = 950 nm,
VCE = 5 V
Ica
12.5
mA
Angle of half sensitivity
horizontal
ϕ
1
± 30
deg
vertical
ϕ
2
± 60
deg
Wavelength of peak sensitivity
λ
p
920
nm
Range of spectral bandwidth
λ
0.5
850 to 980
nm
Collector emitter saturation voltage
Ee = 1 mW/cm2, λ = 950 nm,
IC = 0.1 mA
VCEsat
0.3
V
Turn-on time
VS = 5 V, IC = 5 mA, RL = 100 Ω
ton
6µs
Turn-off time
VS = 5 V, IC = 5 mA, RL = 100 Ω
toff
5µs
Cut-off frequency
VS = 5 V, IC = 5 mA, RL = 100 Ω
fc
110
kHz
94 8249
20
100
40
60
80
T
amb - Ambient Temperature (°C)
10
101
102
103
104
V
CE = 10 V
0
0.6
0.8
1.0
1.2
1.4
2.0
20
40
60
80
100
1.6
1.8
λ
94 8239
T
amb - Ambient Temperature (°C)
V
CE = 5 V
E
e = 1 mW/cm
2
= 950 nm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com