Electronic Components Datasheet Search
  English  ▼

X  

VCNL3036 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VCNL3036
Description  High Resolution Digital Biosensor for Wearable Applications With I2C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNL3036 Datasheet(HTML) 3 Page - Vishay Siliconix

  VCNL3036 Datasheet HTML 1Page - Vishay Siliconix VCNL3036 Datasheet HTML 2Page - Vishay Siliconix VCNL3036 Datasheet HTML 3Page - Vishay Siliconix VCNL3036 Datasheet HTML 4Page - Vishay Siliconix VCNL3036 Datasheet HTML 5Page - Vishay Siliconix VCNL3036 Datasheet HTML 6Page - Vishay Siliconix VCNL3036 Datasheet HTML 7Page - Vishay Siliconix VCNL3036 Datasheet HTML 8Page - Vishay Siliconix VCNL3036 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
VCNL3036
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 18-Mar-2020
3
Document Number: 84373
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - I2C Bus Timing Diagram
I2C BUS TIMING CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
SYMBOL
STANDARD MODE
FAST MODE
UNIT
MIN.
MAX.
MIN.
MAX.
Clock frequency
f(SMBCLK)
10
100
10
400
kHz
Bus free time between start and stop condition
t(BUF)
4.7
-
1.3
-
μs
Hold time after (repeated) start condition;
after this period, the first clock is generated
t(HDSTA)
4.0
-
0.6
-
μs
Repeated start condition setup time
t(SUSTA)
4.7
-
0.6
-
μs
Stop condition setup time
t(SUSTO)
4.0
-
0.6
-
μs
Data hold time
t(HDDAT)
-
3450
-
900
ns
Data setup time
t(SUDAT)
250
-
100
-
ns
I2C clock (SCK) low period
t(LOW)
4.7
-
1.3
-
μs
I2C clock (SCK) high period
t(HIGH)
4.0
-
0.6
-
μs
Clock / data fall time
t(F)
-
300
-
300
ns
Clock / data rise time
t(R)
-
1000
-
300
ns
V
IH
V
IH
t
(LOW)
V
IL
t
(F)
t
(HIGH)
t
(SUDAT)
{{
P
Stop condition
S
Start condition
{{
P
S
Start
Stop
I
2C BUS
CLOCK
(SCL)
I
2C BUS
DATA
(SDA)
I
2C BUS
CLOCK
(SCL)
I
2C BUS
DATA
(SDA)
t
(R)
t
(HDSTA)
t
(HDDAT)
V
IL
t
(BUF)
t
(SUSTA)
t
(SUSTO)
t
(LOSEXT)
t
(LOWMEXT)
t
(LOWMEXT)
SCL
ACK
SDA
ACK
t
(LOWMEXT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com