Electronic Components Datasheet Search
  English  ▼

X  

VCNL3040 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VCNL3040
Description  Proximity Sensor With Interrupt, IRED, and I2C Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNL3040 Datasheet(HTML) 2 Page - Vishay Siliconix

  VCNL3040 Datasheet HTML 1Page - Vishay Siliconix VCNL3040 Datasheet HTML 2Page - Vishay Siliconix VCNL3040 Datasheet HTML 3Page - Vishay Siliconix VCNL3040 Datasheet HTML 4Page - Vishay Siliconix VCNL3040 Datasheet HTML 5Page - Vishay Siliconix VCNL3040 Datasheet HTML 6Page - Vishay Siliconix VCNL3040 Datasheet HTML 7Page - Vishay Siliconix VCNL3040 Datasheet HTML 8Page - Vishay Siliconix VCNL3040 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
VCNL3040
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 23-Sep-2020
2
Document Number: 84917
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PIN DEFINITION
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
MAX.
UNIT
Supply voltage
VDD
2.5
3.6
V
Operation temperature range
Tamb
-40
+85
°C
Storage temperature range
Tstg
-40
+100
°C
RECOMMENDED OPERATING CONDITIONS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
MAX.
UNIT
Supply voltage
VDD
2.5
3.6
V
Operation temperature range
Tamb
-40
+85
°C
I2C bus operating frequency
f(I2CCLK)
10
400
kHz
Top View
85
14
PIN DESCRIPTIONS
PIN ASSIGNMENT
SYMBOL
TYPE
FUNCTION
1VDD
I
Power supply input
2
NC
-
No connection
3
GND
I
Ground
4
CATHODE
I
IRED cathode connection
5ANODE
I
Anode for IRED
6SCLK
I
I2C digital bus clock input
7
INT
O
Interrupt pin
8
SDAT
I / O (open drain)
I2C data bus data input / output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com