Electronic Components Datasheet Search
  English  ▼

X  

SL34A Datasheet(PDF) 1 Page - Weitron Technology

Part # SL34A
Description  Low VF Surface Mount Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

SL34A Datasheet(HTML) 1 Page - Weitron Technology

  SL34A Datasheet HTML 1Page - Weitron Technology SL34A Datasheet HTML 2Page - Weitron Technology SL34A Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Low VF Surface Mount
Schottky Barrier Rectifiers
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-O Utilizing Flame Retardant Epoxy Molding Compound.
* For surface mounted applications.
* Exceeds environmental standards of MIL-S-19500 / 228.
* Low leakage current.
* Case : Molded Plastic, JEDECDO-214AC.
* Terminals : Solder plated, solderable per MIL-STD-750, Method 2026.
* Polarity : Indicated By Cathode Band.
* Mounting Position : Any
* Weight : 0.05 grams
Features:
SL32A Thru SL34A
Mechanical Data
REVERSE VOLTAGE
20-40 Volts
FORWARD CURRENT
3.0 AMPERES
WEITRON
http://www.weitron.com.tw
SMA-1
SMA-1 Outline Dimension
unit:mm
A
C
B
E
H
J
H
4.40
4.80
2.40
2.80
-
0.30(Typ)
E
3.80
4.20
H
-
1.00(Typ)
J
1.50
1.70
A
B
C
SMA-1
Dim
Min
Max
Lead(Pb)-Free
P b
1/3
14-Nov-05


Similar Part No. - SL34A

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SL34A SMC-SL34A Datasheet
188Kb / 6P
SCHOTTKY RECTIFIER
logo
GOOD-ARK Electronics
SL34A GOOD-ARK-SL34A Datasheet
200Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
Frontier Electronics.
SL34A FRONTIER-SL34A Datasheet
458Kb / 2P
3A LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
SL34A MCC-SL34A Datasheet
451Kb / 3P
Moisture Sensitivity Level 1
logo
Galaxy Semi-Conductor H...
SL34A BILIN-SL34A Datasheet
64Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SL34A

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
B140L WEITRON-B140L Datasheet
144Kb / 3P
Low VF Surface Mount Schottky Barrier Rectifiers
B240LA WEITRON-B240LA Datasheet
213Kb / 3P
Low VF Surface Mount Schottky Barrier Rectifiers
SL14 WEITRON-SL14 Datasheet
73Kb / 3P
Low VF Surface Mount Schottky Barrier Rectifiers
SL22A WEITRON-SL22A Datasheet
181Kb / 3P
Low VF Surface Mount Schottky Barrier Rectifiers
B140LB WEITRON-B140LB Datasheet
238Kb / 3P
Low VF Surface Mount Schottky Barrier Rectifiers
SL12 WEITRON-SL12 Datasheet
207Kb / 3P
Low VF Surface Mount Schottky Barrier Rectifiers
B340LA WEITRON-B340LA_08 Datasheet
411Kb / 3P
Low VF Surface Mount Schottky Barrier Rectifiers
SL14M WEITRON-SL14M Datasheet
334Kb / 3P
Low VF Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SK1060BM SECOS-SK1060BM Datasheet
299Kb / 2P
Low VF Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B240L DIODES-B240L Datasheet
381Kb / 4P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
February 2022 Rev. 6 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com