Electronic Components Datasheet Search
  English  ▼

X  

74F353 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74F353
Description  Dual 4-input multiplexer 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F353 Datasheet(HTML) 5 Page - NXP Semiconductors

  74F353 Datasheet HTML 1Page - NXP Semiconductors 74F353 Datasheet HTML 2Page - NXP Semiconductors 74F353 Datasheet HTML 3Page - NXP Semiconductors 74F353 Datasheet HTML 4Page - NXP Semiconductors 74F353 Datasheet HTML 5Page - NXP Semiconductors 74F353 Datasheet HTML 6Page - NXP Semiconductors 74F353 Datasheet HTML 7Page - NXP Semiconductors 74F353 Datasheet HTML 8Page - NXP Semiconductors 74F353 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74F353
Dual 4-input multiplexer (3-State)
1996 Jan 05
5
AC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST
CONDITION
VCC = 5V
Tamb = +25°C
CL = 50pF, RL = 500Ω
VCC = 5V ± 10%
Tamb = 0°C to +70°C
CL = 50pF, RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
In to Yn
Waveform 1
3.0
1.5
5.0
3.0
7.0
5.0
3.0
1.0
8.0
5.5
ns
tPLH
tPHL
Propagation delay
Sn to Yn
Waveform 2
5.0
3.0
9.0
6.0
12.0
8.5
4.5
3.0
12.5
9.5
ns
tPZH
tPZL
Output Enable time
to High or Low level
Waveform 3
Waveform 4
4.0
4.0
6.0
6.5
8.0
8.0
3.5
3.5
9.0
9.0
ns
tPHZ
tPLZ
Output Disable time
from High or Low level
Waveform 3
Waveform 4
2.5
1.5
4.0
2.5
5.5
6.0
2.0
1.5
6.0
7.0
ns
AC WAVEFORMS
For all waveforms, VM = 1.5V
VM
VM
VM
VM
Yn
In
tPLH
tPHL
SF00895
Waveform 1.
Propagation Delay, Data to Output
VM
VM
VM
VM
Yn
Sn
tPLH
tPHL
SF00896
Waveform 2.
Propagation Delay, Select to Output
VM
VM
VM
tPHZ
tPZH
VOH –0.3V
OEn
SF00897
0V
Yn
Waveform 3.
3-State Output Enable Time to High Level
and Output Disable Time from High Level
VM
VM
VM
tPLZ
tPZL
VOL +0.3V
OEn
Yn
SF00898
Waveform 4.
3-State Output Enable Time to Low Level
and Output Disable Time from Low Level



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com