Electronic Components Datasheet Search
  English  ▼

X  

SS8050 Datasheet(PDF) 1 Page - Weitron Technology

Part # SS8050
Description  NPN General Purpose Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

SS8050 Datasheet(HTML) 1 Page - Weitron Technology

  SS8050 Datasheet HTML 1Page - Weitron Technology SS8050 Datasheet HTML 2Page - Weitron Technology SS8050 Datasheet HTML 3Page - Weitron Technology SS8050 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
http://www.weitron.com.tw
WEITRON
SS8050
NPN General Purpose Transistors
TO-92
1
2
3
1. EMITTER
2. BASE
3. COLLECTOR
ELECTRICAL CHARACTERISTICS (TA=25˚C unless otherwise noted)
Characteristics
Symbol
Unit
Min
Typ
Max
Collector cut-off current
Emitter cut-off current
VCE=20V, IE=0
VCB=40V, IE=0
Emitter cut-off current
VEB=5V, IC=0
ICBO
ICEO
IEBO
-
-
µA
µA
0.1
0.1
-
µA
0.1
Collector-Base Breakdown Voltage
Collector-Emitter Breakdown Voltage
IC=0.1mA, IB=0
IC=100µA, IE=0
Emitter Base Breakdown Voltage
IE=100µA, IC=0
V(BR)CBO
V(BR)CEO
40
25
V
V
-
-
V(BR)EBO
5
-
-
-
-
-
-
V
-
MAXIMUM RATINGS(TA=25˚C unless otherwise noted)
Junction and Storage, Temperature
TJ,Tstg
-55 to +150
°C
Collector Current-Continuous
IC
1.5
A
Total Device Dissipation TA=25°C
PD
1.0
W
Emitter-Base Voltage
VEBO
5
V
Collector-Emitter Voltage
VCEO
25
V
Collector-Base Voltage
Rating
Symbol
Value
Unit
VCBO
40
V
1/4
19-Jul-05
Lead(Pb)-Free
P b


Similar Part No. - SS8050

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
SS8050 WINGS-SS8050 Datasheet
58Kb / 1P
TRANSISTOR (NPN)
logo
Fairchild Semiconductor
SS8050 FAIRCHILD-SS8050 Datasheet
41Kb / 4P
2W Output Amplifier of Portable Radios in Class B Push-pull Operation.
SS8050 FAIRCHILD-SS8050 Datasheet
43Kb / 4P
2W Output Amplifier of Portable Radios in Class B Push-pull Operation.
logo
Galaxy Semi-Conductor H...
SS8050 BILIN-SS8050 Datasheet
194Kb / 4P
Silicon Epitaxial Planar Transistor
logo
Daya Electric Group Co....
SS8050 DAYA-SS8050 Datasheet
620Kb / 1P
TO-92 Plastic-Encapsulate Transistors
More results

Similar Description - SS8050

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
NPN general purpose transistors
2003 Jul 15
logo
Pan Jit International I...
BC847BFN3 PANJIT-BC847BFN3 Datasheet
133Kb / 5P
NPN GENERAL PURPOSE TRANSISTORS
logo
Weitron Technology
2SC2412K WEITRON-2SC2412K_07 Datasheet
1Mb / 5P
NPN General Purpose Transistors
logo
NXP Semiconductors
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
NPN general purpose transistors
1999 Apr 08
logo
Diotec Semiconductor
2N2222A DIOTEC-2N2222A Datasheet
157Kb / 2P
General Purpose NPN Transistors
MPSA06 DIOTEC-MPSA06 Datasheet
166Kb / 2P
General Purpose NPN Transistors
logo
Micro Commercial Compon...
2SC5658-Q MCC-2SC5658-Q Datasheet
652Kb / 4P
NPN General Purpose Transistors
logo
AiT Semiconductor Inc.
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
D882 AITSEMI-D882 Datasheet
554Kb / 5P
GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com