Electronic Components Datasheet Search
  English  ▼

X  

SS8550D Datasheet(PDF) 1 Page - Weitron Technology

Part # SS8550D
Description  Plastic-Encapsulate Transistors PNP Silicon
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

SS8550D Datasheet(HTML) 1 Page - Weitron Technology

  SS8550D Datasheet HTML 1Page - Weitron Technology SS8550D Datasheet HTML 2Page - Weitron Technology SS8550D Datasheet HTML 3Page - Weitron Technology SS8550D Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ABSOLUTE MAXIMUM RATINGS
Collector-Emitter Voltage
Collector-Base Voltage
Emitter-Base Voltage
Collector Current
Symbol
VCEO
VCBO
VEBO
IC
SS8550
Unit
Vdc
Vdc
Vdc
Adc
Rating
Characteristics
Symbol
Min
Max
Unit
ELECTRICAL CHARACTERISTICS
Collector-Emitter Breakdown Voltage (IC= -0.1 mAdc, IB=0)
Collector-Base Breakdown Voltage (IC= -100 uAdc, IE=0)
Emitter-Base Breakdown Voltage (IE= -100 uAdc, IC=0)
Collector Cutoff Current (VCB= -40 Vdc, IE=0 Vdc)
Emitter Cutoff Current(V
= -5 Vdc, I =0 Vdc)
1. Pulse Test: Pulse Width 300 us, Duty Cycle 2.0%
<
<
V(BR)CEO
V(BR)CBO
V(BR)EBO
ICBO
I
-5.0
-
-
-
-
-
-0.1
Vdc
Vdc
Vdc
uAdc
uAdc
SS8550
Tstg
PD
C
C
WEITRON
http://www.weitron.com.tw
Plastic-Encapsulate Transistors
PNP Silicon
(Ta=25 C)
-40
-5.0
-1.5
-25
EMITTER
BASE
Total Device Dissipation T =25 C
1.0
W
Junction Temperature
T j
150
Storage Temperature
-55 to +150
-25
-40
-0.1
EB
EBO
A
TO-92
1
2
3
1. EMITTER
2. BASE
3. COLLECTOR
COLLECTOR
3
2
1
SS8550=SS8550D
DEVICE MARKING
(1)
C


Similar Part No. - SS8550D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SS8550D FAIRCHILD-SS8550D Datasheet
41Kb / 4P
2W Output Amplifier of Portable Radios in Class B Push-pull Operation.
SS8550DTA FAIRCHILD-SS8550DTA Datasheet
628Kb / 1P
FAIRCHILD Small Signal Transistors
More results

Similar Description - SS8550D

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMDT3906V MCC-MMDT3906V_11 Datasheet
235Kb / 4P
PNP Plastic-Encapsulate Transistors
BC856BM MCC-BC856BM Datasheet
523Kb / 4P
PNP Plastic-Encapsulate Transistors
BCP69-16 MCC-BCP69-16 Datasheet
460Kb / 3P
PNP Plastic-Encapsulate Transistors
MC818B MCC-MC818B Datasheet
514Kb / 4P
PNP Plastic-Encapsulate Transistors
2SB1132-P MCC-2SB1132-P_17 Datasheet
542Kb / 4P
PNP Plastic-Encapsulate Transistors
logo
TECH PUBLIC Electronics...
MMDT2907A TECHPUBLIC-MMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
MMDT5401 TECHPUBLIC-MMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT2907A TECHPUBLIC-TPMMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT3906 TECHPUBLIC-TPMMDT3906 Datasheet
7Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT5401 TECHPUBLIC-TPMMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com