Electronic Components Datasheet Search
  English  ▼

X  

SDA Datasheet(PDF) 1 Page - C&K Components

Part # SDA
Description  Low Profile DIP Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

SDA Datasheet(HTML) 1 Page - C&K Components

  SDA Datasheet HTML 1Page - C&K Components SDA Datasheet HTML 2Page - C&K Components SDA Datasheet HTML 3Page - C&K Components SDA Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
H
H–9
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
SDA Series
Low Profile DIP Switches
Specifications
CONTACT RATING: 25 mA @ 24 V DC or 100 mA @ 5 V DC.
MECHANICAL AND ELECTRICAL LIFE: 1,000 cycles at rated loads.
CONTACT RESISTANCE: 50 mΩ max. initial.
INSULATION RESISTANCE: 100 MΩ between terminals.
DIELECTRIC WITHSTANDING VOLTAGE: 300 V DC min. for 1 min-
ute.
STORAGE TEMPERATURE: -40°C to 85°C.
OPERATING TEMPERATURE: -40°C to 85°C.
OPERATING FORCE: 800 grams max.
SOLDERABILITY: Dip and look solderability testing per C&K
spec. #448. Unplated edges of terminals permitted.
PACKAGING: Switches supplied in rigid dispensing tubes in full-
tube quantities only, this may affect order quantity. Numbers
of switches per tube varies with model. Tape and reel pack-
Features/Benefits
• Low profile design saves space
• Thru-hole and surface mount models
• Tape and reel packaging available
• RoHS compliant
aging also available for surface mount options.
Materials
HOUSING: PPS, color black (UL94V-0).
COVER: PPS, color black (UL94V-0).
ACTUATOR: PA6T (UL94-0)
CONTACTS: Gold plated Beryllium copper.
TERMINALS: Gold plate over nickel plated brass.
TAPE SEAL: Polyimide.
Note: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
For Tin Lead options consult customer service center.
Typical Applications
• Address switch for industrial
controls
• Logic switching for computers
and peripherals
• Function controlling for
numerous applications
How To Order
The Build-A Switch concept allows you to mix and match options to create the switch you need. Below is a complete
listing of options shown in catalog. To order, simply select desired option from each category and place in the appropriate
box.
All switches supplied in “OFF” position.
Number of
Positions
SDA01
SDA02
SDA03
SDA04
SDA05
SDA06
SDA07
SDA08
SDA09
SDA10
SDA12
Actuator
H0 Flush
H1 Extended
Terminations
Blank Thru-hole
S Gull wing
Packaging
NONE Tubes
R T/R
SD A
B
Contact material
B Gold
H
Sealed
D None
Blank Top tape seal
28 may 18


Similar Part No. - SDA

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SDA BILIN-SDA Datasheet
75Kb / 2P
SURFACE MOUNT RECTIFIER
logo
C&K Components
SDA CK-COMPONENTS-SDA Datasheet
208Kb / 3P
Low Profile DIP Switches
logo
Exar Corporation
SDA EXAR-SDA Datasheet
1Mb / 29P
Quad Channel Digital PWM/PFM Programmable Power Management System
logo
Hammond Manufacturing L...
SDA HAMMOND-SDA Datasheet
68Kb / 1P
Ensemble de bouchon de mise a lair libre
logo
C&K Components
SDA CK-COMPONENTS-SDA Datasheet
135Kb / 3P
Low Profile DIP Switches
More results

Similar Description - SDA

ManufacturerPart #DatasheetDescription
logo
ITT Industries
SD02H0B ITT-SD02H0B Datasheet
283Kb / 3P
Low Profile DIP Switches
SDA01H0BD ITT-SDA01H0BD Datasheet
251Kb / 3P
Low Profile DIP Switches
logo
List of Unclassifed Man...
MS-100198 ETC2-MS-100198 Datasheet
76Kb / 1P
Ultra-Low Profile DIP Switches
logo
C&K Components
SD02H0B CK-COMPONENTS-SD02H0B Datasheet
157Kb / 3P
Low Profile DIP Switches
SDA CK-COMPONENTS-SDA Datasheet
208Kb / 3P
Low Profile DIP Switches
RTEDIP CK-COMPONENTS-RTEDIP Datasheet
360Kb / 7P
Low Profile Rotary DIP Switches
SDA CK-COMPONENTS-SDA_V01 Datasheet
135Kb / 3P
Low Profile DIP Switches
SDSWITCH CK-COMPONENTS-SDSWITCH Datasheet
106Kb / 3P
Low Profile DIP Switches
SD CK-COMPONENTS-SD Datasheet
215Kb / 3P
Low Profile DIP Switches
9 January 2018
SDB CK-COMPONENTS-SDB Datasheet
763Kb / 4P
Low Profile DIP Switches
18 oct 18
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com