Electronic Components Datasheet Search
  English  ▼

X  

TS9410VB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TS9410VB
Description  Specification of High Power IR Emitting Diode Chip
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TS9410VB Datasheet(HTML) 1 Page - Vishay Siliconix

  TS9410VB Datasheet HTML 1Page - Vishay Siliconix TS9410VB Datasheet HTML 2Page - Vishay Siliconix TS9410VB Datasheet HTML 3Page - Vishay Siliconix TS9410VB Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TS9410VB
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 06-Feb-18
1
Document Number: 84291
For technical questions, contact: optochipsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Specification of High Power IR Emitting Diode Chip
DESCRIPTION
TS9410VB is a high power infrared, 940 nm surface emitting
diode in GaAlAs technology with high radiant power and
high speed. Polarity configuration is “n-up”.
FEATURES
• Package type: chip
• Package form: single chip
• Technology: surface emitter
• Dimensions chip (L x W x H in mm):
0.260 x 0.260 x 0.17
• Peak wavelength:
 = 940 nm
• Material categorization:
for
definitions
of
compliance
please
see
www.vishay.com/doc?99912
GENERAL INFORMATION
The datasheet is based on Vishay optoelectronics sample testing under certain predetermined and assumed conditions, and is
provided for illustration purpose only. Customers are encouraged to perform testing in actual proposed packaged and used
conditions. Vishay optoelectronics die products are tested using Vishay optoelectronics based quality assurance procedures
and are manufactured using Vishay optoelectronics established processes. Estimates such as those described and set forth in
this datasheet for semiconductor die will vary depending on a number of packaging, handling, use, and other factors. Therefore
sold die may not perform on an equivalent basis to standard package products.
Note
• Test condition see table “Basic Characteristics”
Note
• MOQ: minimum order quantity
PRODUCT SUMMARY
COMPONENT
e (mW)
 (deg)
p (nm)
tr (ns)
TS9410VB
20
60
940
10
ORDERING INFORMATION
ORDERING CODE
PACKAGING
REMARKS
PACKAGE FORM
TS9410VB-SD-F
Wafer sawn on foil with disco
frame
MOQ: 385 000 pcs
Chip
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Forward current
IF
100
mA
Reverse voltage
VR
10
V
Surge forward current
tp/T = 0.1, tp = 100 μs
IFSM
500
mA
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
-40 to +100
°C
Storage temperature range chip
Tstg1
-40 to +110
°C
Storage temperature range on foil
Tstg2
0 to +40
°C


Similar Part No. - TS9410VB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TS9410VB VISHAY-TS9410VB Datasheet
89Kb / 4P
Specification of High Power IR Emitting Diode Chip
23-May-17
TS9410VB-SF-F VISHAY-TS9410VB-SF-F Datasheet
89Kb / 4P
Specification of High Power IR Emitting Diode Chip
23-May-17
TS9410VB VISHAY-TS9410VB_V01 Datasheet
89Kb / 4P
Specification of High Power IR Emitting Diode Chip
06-Feb-18
More results

Similar Description - TS9410VB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TS8520VA VISHAY-TS8520VA Datasheet
95Kb / 4P
Specification of High Power IR Emitting Diode Chip
20-Feb-12
TS8542VA VISHAY-TS8542VA Datasheet
101Kb / 4P
Specification of High Power IR Emitting Diode Chip
20-Feb-12
TS8514VB VISHAY-TS8514VB Datasheet
90Kb / 4P
Specification of High Power IR Emitting Diode Chip
11-Apr-17
TS9410VB VISHAY-TS9410VB Datasheet
89Kb / 4P
Specification of High Power IR Emitting Diode Chip
23-May-17
TS9414VB VISHAY-TS9414VB Datasheet
91Kb / 4P
Specification of High Power IR Emitting Diode Chip
11-Apr-17
TS8510VB VISHAY-TS8510VB Datasheet
87Kb / 4P
Specification of High Power IR Emitting Diode Chip
06-Feb-18
TS8510VB VISHAY-TS8510VB_V01 Datasheet
88Kb / 4P
Specification of High Power IR Emitting Diode Chip
06-Feb-18
TS9410VB VISHAY-TS9410VB_V01 Datasheet
89Kb / 4P
Specification of High Power IR Emitting Diode Chip
06-Feb-18
TS8510VB VISHAY-TS8510VB_V02 Datasheet
89Kb / 4P
Specification of High Power IR Emitting Diode Chip
06-Feb-18
TS8514VB VISHAY-TS8514VB_V02 Datasheet
87Kb / 4P
Specification of High Power IR Emitting Diode Chip
02-Mar-2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com