Electronic Components Datasheet Search
  English  ▼

X  

558176 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 558176
Description  Motor flange
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

558176 Datasheet(HTML) 1 Page - Festo Corporation.

  558176 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Motor flange
EAMF-A-38A-55A
Part number: 558176
Data sheet
Feature
Value
Mounting position
Any
LABS (PWIS) conformity
VDMA24364-B2-L
Storage temperature
-25 °C ... 60 °C
Relative air humidity
0 - 95 %
Ambient temperature
-10 °C ... 60 °C
Product weight
81 g
Interface code, motor in
55A
Interface code, coupling housing
38A
Note on materials
RoHS-compliant
2/27/23 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 558176

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
55817 TEC-55817 Datasheet
6Mb / 20P
AMPOWER TERMINALS AND SPLICES
55817-1 TEC-55817-1 Datasheet
6Mb / 20P
AMPOWER TERMINALS AND SPLICES
logo
Festo Corporation.
558175 FESTO-558175 Datasheet
89Kb / 1P
Motor flange
More results

Similar Description - 558176

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
2449380 FESTO-2449380 Datasheet
81Kb / 1P
Motor flange
529947 FESTO-529947 Datasheet
78Kb / 1P
Motor flange
558182 FESTO-558182 Datasheet
80Kb / 1P
Motor flange
1087630 FESTO-1087630 Datasheet
96Kb / 1P
Motor flange
1199144 FESTO-1199144 Datasheet
96Kb / 1P
Motor flange
1460095 FESTO-1460095 Datasheet
82Kb / 1P
Motor flange
1593636 FESTO-1593636 Datasheet
76Kb / 1P
Motor flange
550986 FESTO-550986 Datasheet
77Kb / 1P
Motor flange
558022 FESTO-558022 Datasheet
67Kb / 1P
Motor flange
2219077 FESTO-2219077 Datasheet
87Kb / 1P
Motor flange
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com