Electronic Components Datasheet Search
  English  ▼

X  

GIOS101 Datasheet(PDF) 1 Page - Belden Inc.

Part # GIOS101
Description  Indoor semi-tight buffered pigtail LSZH jacket 1f MM OM1.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

GIOS101 Datasheet(HTML) 1 Page - Belden Inc.

  GIOS101 Datasheet HTML 1Page - Belden Inc. GIOS101 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: GIOS101
Indoor semi-tight buffered pigtail LSZH jacket 1f MM OM1.
Product Description
Indoor semi-tight buffered pigtail with Low Smoke Zero Halogen outer jacket. 1 fiber MM OM1.
Technical Specifications
Product Overview
Construction Type:
Interconnect
Environmental Space:
Indoor (Not Riser or Plenum)
Suitable Applications:
Flexible terminating leads such as pigtails, patchcords and test leads. Support all computer network applications such as FDDI, Gigabit Ethernet and ATM.
Short distance applications for indoor use.
Construction
Fiber Cable Construction
Fiber Type Fiber Count
OM1
1
Buffer Specification
Fiber Type Buffer Construction
Buffer Material
Buffer Diameter
OM1
Semi-Tight
LSZH - Low Smoke Zero Halogen 0.9 mm
Bulk Cable Weight:
0.67 kg/km
Jacket Specifications
Number of Jackets:
Single Jacket
Type of Armor:
Non-Armored
Outer Jacket Specifications
Outer Jacket
Material
Nominal Diameter Ripcord
LSZH - Low Smoke Zero Halogen (Flame Retardant) 0.9 mm
No
Table Notes:
Standard color: Orange. Available colors: Orange, Yellow, Turquoise, Erika Violet, Red, Blue, Green, Brown, Violet, Pink, Grey, White, Black, Lime Green
Optical Characteristics
Fiber Core Diameter:
62.5 µm
Max. Attenuation at 1300 nm:
1.2 dB/km
Max. Attenuation at 850 nm:
3.4 dB/km
Mechanical Characteristics
Mechanical Tests
Description
Tested Standard
Requirement/Value
Cable Max. Tensile Strength Installation (Short Term)
IEC 60794-1-21-E1 3 N (1 lbf)
Cable Max. Tensile Strength Operation (Long Term)
IEC 60794-1-21-E1
Cable Max. Crush Resistance Installation (Short Term) IEC 60794-1-21-E3 0.5 kN/m


Similar Part No. - GIOS101

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GIOS1G1 BELDEN-GIOS1G1 Datasheet
138Kb / 2P
Indoor semi-tight buffered pigtail LSZH jacket Colored fiber for pigtail Simplex MM OM1.
2023 Belden, Inc
More results

Similar Description - GIOS101

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GIOTC01 BELDEN-GIOTC01 Datasheet
138Kb / 2P
Indoor tight buffered pigtail LSZH jacket 1f MM OM5.
2023 Belden, Inc
GIOTD01 BELDEN-GIOTD01 Datasheet
138Kb / 2P
Indoor tight buffered pigtail LSZH jacket 1f MM OM3.
2023 Belden, Inc
GIOTE01 BELDEN-GIOTE01 Datasheet
138Kb / 2P
Indoor tight buffered pigtail LSZH jacket 1f MM OM4.
2023 Belden, Inc
GIOS1G1 BELDEN-GIOS1G1 Datasheet
138Kb / 2P
Indoor semi-tight buffered pigtail LSZH jacket Colored fiber for pigtail Simplex MM OM1.
2023 Belden, Inc
GIOS201 BELDEN-GIOS201 Datasheet
138Kb / 2P
Indoor semi-tight buffered pigtail LSZH jacket 1f MM OM2.
2023 Belden, Inc
GIOSC01 BELDEN-GIOSC01 Datasheet
138Kb / 2P
Indoor semi-tight buffered pigtail LSZH jacket 1f MM OM5.
2023 Belden, Inc
GIOSD01 BELDEN-GIOSD01 Datasheet
138Kb / 2P
Indoor semi-tight buffered pigtail LSZH jacket 1f MM OM3.
2023 Belden, Inc
GIOSE01 BELDEN-GIOSE01 Datasheet
138Kb / 2P
Indoor semi-tight buffered pigtail LSZH jacket 1f MM OM4.
2023 Belden, Inc
GIOT101 BELDEN-GIOT101 Datasheet
138Kb / 2P
Indoor tight buffered pigtail LSZH jacket 1f MM OM1.
2023 Belden, Inc
GIOT201 BELDEN-GIOT201 Datasheet
138Kb / 2P
Indoor tight buffered pigtail LSZH jacket 1f MM OM2.
2023 Belden, Inc
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com