Electronic Components Datasheet Search
  English  ▼

X  

VPR220 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VPR220
Description  Precision Foil Power Resistors in TO 220 Configuration
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VPR220 Datasheet(HTML) 1 Page - Vishay Siliconix

  VPR220 Datasheet HTML 1Page - Vishay Siliconix VPR220 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VISHAY FOIL RESISTORS, 63 Lincoln Highway, P.O. Box 4004, Malvern, PA 19355-0988 • Phone (610) 644-1300
App. Eng. Phone (610) 251-5289 • App. Eng. Fax (610) 640-4487 • Sales Phone (610) 251-5842 • Sales Fax (610) 640-9081
P R E C I S I O N
B U L K
M E T A L ®
F O I L
T E C H N O L O G Y
33
Weight = 1.2 gms Max.
* Maximum specifications.
Higher values available.
0.1 Ohms Available soon.
VISHAY MODELS VPR220 AND VPR221
Precision Foil Power Resistors in TO 220 Configuration
Models VPR220 AND VPR221, made from Vishay Bulk Metal® foil,
offer low TCR, high stability, tight tolerance and fast response
time in a small, molded resistor. Model VPR220 is a 2 lead de-
vice. Model VPR221 is a 4 lead Kelvin connected device. The 4
leaded version is highly recommended for precision applications
requiring ohmic values of 100R or less.
FEATURES
• Power: 8 watts chassis mounted (per MIL-R-39009)
• Load Life Stability:
±0.05% maximum ∆R at rated power
and temperature for 2,000 hours
• Temperature Coefficient of Resistance: to
±5 ppm/°C
• Resistance Range: 0.5 to 10K
Ω
• Tolerance: To
±0.01%
• Low Thermal EMF: 0.15
µV/°C maximum (lead effect)
• Non-Inductive Construction
• Heat sink is Isolated
FIGURE 1 - VPR220 DIMENSIONS
0.400
±0.010
(10.16
±0.25)
VISHAY
VPR220
1K0 1%
9801
0.245
±0.010
(6.22
±0.25)
0.141
±0.005 Dia
(3.58
±0.13)
0.540
±0.040
(13.72
±1.02)
0.030
±0.002
(0.76
±0.05)
0.200
±0.005
(5.08
±0.13)
0.115
±0.005
(2.92
±0.13)
0.050
±0.005
(1.27
±0.13)
0.150
±0.008
(3.81
±0.2)
0.615 Max
(15.62)
0.078
±0.005
(1.98
±0.13)
0.015
±0.002
(0.38
±0.05)
0.050
±0.005
(1.27
±0.13)
0.200
±0.030
(5.08
±0.76)
Resistance
Tightest
TCR*
Range (
Ω)
Resistance Tolerance
50 to 10K
±0.01%
±5 ppm/°C
25 to <50
±0.02%
±7 ppm/°C
10 to <25
±0.05%
±10 ppm/°C
5 to <10
±0.1%
±13 ppm/°C
Weight = 1 gm Max.
* Maximum specifications.
Lower values available but not recommended due to high TCR.
FIGURE 2 - VPR221 DIMENSIONS
Resistance
Tightest
TCR*
Range (
Ω)
Resistance Tolerance
10 to 500
±0.01%
±5 ppm/°C
1 to <10
±0.02%
±5 ppm/°C
0.5 to <1
±0.05%
±5 ppm/°C
E
2
0.050
±0.005
(1.27
±0.13)
0.150
±0.008
(3.81
±0.2)
0.615 Max
(15.62)
0.078
±0.005
(1.98
±0.13)
0.015
±0.002
(0.38
±0.05)
0.030
±0.002
(0.76
±0.05)
0.100
±0.005
(2.54
±0.13)
0.400
±0.010
(10.16
±0.25)
VISHAY
VPR221
1K0 1%
9801
0.245
±0.010
(6.22
±0.25)
0.141
±0.005 Dia
(3.58
±0.13)
0.540
±0.040
(13.72
±1.02)
0.115
±0.005
(2.92
±0.13)
0.050
±0.005
(1.27
±0.13)
0.200
±0.030
(5.08
±0.76)
E
1
I
2
I
1


Similar Part No. - VPR220

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VPR220 VISHAY-VPR220 Datasheet
128Kb / 4P
Foil Technology Precision Foil Power Resistors in TO-220 Configuration with TCR 2 ppm/째C,of Tolerance of to 짹 0.01 % and Power Rating to 8 W
05-Jul-07
VPR220S VISHAY-VPR220S Datasheet
133Kb / 5P
Foil Technology Precision Foil Power Surface Mount Resistors in TO-220 Configuration with TCR of 짹 2 ppm/째C,
29-Feb-08
VPR220SZ VISHAY-VPR220SZ Datasheet
102Kb / 4P
Ultra High Precision Z-Foil Surface Mount Power Resistors in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
06-Aug-07
VPR220S VISHAY-VPR220S_08 Datasheet
133Kb / 5P
Foil Technology Precision Foil Power Surface Mount Resistors in TO-220 Configuration with TCR of 짹 2 ppm/째C,
29-Feb-08
VPR220Z VISHAY-VPR220Z Datasheet
100Kb / 4P
Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C, Tolerance to ± 0.01 % and Power Rating to 8 W
22-Sep-08
More results

Similar Description - VPR220

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
USR2-0710 RIEDON-USR2-0710 Datasheet
261Kb / 2P
Precision Foil Resistors
USR2-T220B RIEDON-USR2-T220B Datasheet
354Kb / 3P
Precision Foil Resistors
USR2-T220 RIEDON-USR2-T220 Datasheet
354Kb / 3P
Precision Foil Resistors
logo
Vishay Siliconix
VPR220 VISHAY-VPR220_08 Datasheet
128Kb / 4P
Foil Technology Precision Foil Power Resistors in TO-220 Configuration with TCR 2 ppm/째C,of Tolerance of to 짹 0.01 % and Power Rating to 8 W
05-Jul-07
VPR220S VISHAY-VPR220S_08 Datasheet
133Kb / 5P
Foil Technology Precision Foil Power Surface Mount Resistors in TO-220 Configuration with TCR of 짹 2 ppm/째C,
29-Feb-08
VPR220SZ VISHAY-VPR220SZ Datasheet
102Kb / 4P
Ultra High Precision Z-Foil Surface Mount Power Resistors in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
06-Aug-07
logo
Riedon Powertron
USR2-0808 RIEDON-USR2-0808_13 Datasheet
177Kb / 2P
Precision Foil Resistors
USR2-1410 RIEDON-USR2-1410_13 Datasheet
162Kb / 2P
Precision Foil Resistors
USR2-T220 RIEDON-USR2-T220_13 Datasheet
211Kb / 3P
Precision Foil Resistors
USR2-0808 RIEDON-USR2-0808_15 Datasheet
185Kb / 2P
Precision Foil Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com