Electronic Components Datasheet Search
  English  ▼

X  

VPR220S Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VPR220S
Description  Precision Foil Power Resistors in TO 220 Configuration
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VPR220S Datasheet(HTML) 2 Page - Vishay Siliconix

  VPR220S Datasheet HTML 1Page - Vishay Siliconix VPR220S Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
P R E C I S I O N
B U L K
M E T A L ®
F O I L
T E C H N O L O G Y
VISHAY FOIL RESISTORS, 63 Lincoln Highway, P.O. Box 4004, Malvern, PA 19355-0988 • Phone (610) 644-1300
App. Eng. Phone (610) 251-5289 • App. Eng. Fax (610) 640-4487 • Sales Phone (610) 251-5842 • Sales Fax (610) 640-9081
34
VISHAY MODELS VPR220 AND VPR221
Precision Foil Power Resistors in TO 220 Configuration
TABLE 1 - SPECIFICATIONS
Load Life Stability at 2,000 hrs
Shelf Life Stability
Power Rating @ +25
°C
Current Noise
High Frequency Operation
Rise/Decay Time
Inductance4 (L)
Capacitance (C)
Voltage Coefficient5
Operating Temperature Range
Maximum Working Voltage
Thermal EMF6
±0.05% max ∆R under full rated power @ +25°C
±0.0025% ∆R/yr
8 watts or 3 amps2 on heat sink3
1.5 watts or 3 amps2 in free air
Further derating not necesary.
<0.010
µV (rms)/volt of applied voltage (–40 dB)
0.2 ns @ 1
Ω
0.1
µH maximum: 0.03 µH typical1
1.0 pF maximum: 0.5 pF typical1
<0.1 ppm/V
–55
°C to +150°C
300 V. Not to exceed power rating.
0.15
µV/°C maximum (lead effect)
NOTES:
1. Maximum is 1.0% A.Q.L. standard for all specifications except
TCR. Typical is a designers reference which represents that
85% of the units supplied, over a long period of time, will be at
least the figure shown or better.
2. Whichever is lower.
3. Heat sink chassis dimensions and requirements per
MIL-R-39009/1B:
Dimension
Inches
mm
L
6.00
152.4
W
4.00
101.6
H
2.00
50.8
T
0.04
1.0
4. Inductance (L) due mainly to the leads.
5. The resolution limit of existing test equipment (within the
measurement capability of the equipment, “essentially zero”).
6.
µV/°C relates to EMF due to lead temperature difference.
FIGURE 3 - VPR221S DIMENSIONS
0.030
±0.002
(0.76
±0.05)
0.400
±0.010
(10.16
±0.25)
0.615 Max
(15.62)
0.141
±0.005 Dia
(3.58
±0.13)
0.540
±0.040
(13.72
±1.02)
0.115
±0.005
(2.92
±0.13)
0.050
±0.005
(1.27
±0.13)
0.200 (5.08) Ref
0.365 (9.271) Ref
0.050
±0.005
(1.27
±0.13)
0.150
±0.008
(3.81
±0.2)
0.015
±0.002
(0.381
±0.05)
0.078
±0.005
(1.98
±0.13)
Heat Sink
0.695
±0.010
(17.65
±0.25)
0.090
±0.010
(2.286
±0.25)
0.090 (2.286) Ref
0.110 (2.794) Ref
Flush with Heat Sink
Within
±0.002 (±0.051)
Before Forming
After Forming
Solder Coated
Copper
VPR220S dimensions similar.
+100
+75
+50
+25
0
+25
+50
+75
+100
+125
+150
Ambient Temperature (
°C)
FIGURE 4 - POWER DERATING CURVE
HOW TO ORDER VPR220 AND VPR221 PARTS:
Specify Vishay VPR220 or VPR221 resistors as follows:
Example:
VPR221
5R0000
1.0%
Model No.
Resistance Value
Tolerance
Specify Vishay VPR220S or VPR221S for surface mount
resistors as follows:
Example:
VPR221S
5R0000
1.0%
Model No.
Resistance Value
Tolerance
Resistance value, in ohms, is expressed by a series of 6 characters, 5 of which
represent significant digits while the 6th is a dual purpose letter that designates
both the multiplier and the location of the comma or decimal.
Resistance
Letter
Multiplier
Range
Designator
Factor
Example
0.5
Ω to < 1K Ω
R
x1
100R01 = 100.01
Ω
1K
Ω to 10K Ω
K
x103
5K2310 = 5,231
Ω



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com