Electronic Components Datasheet Search
  English  ▼

X  

74F378 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74F378
Description  Hex D flip-flop with enable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F378 Datasheet(HTML) 5 Page - NXP Semiconductors

  74F378 Datasheet HTML 1Page - NXP Semiconductors 74F378 Datasheet HTML 2Page - NXP Semiconductors 74F378 Datasheet HTML 3Page - NXP Semiconductors 74F378 Datasheet HTML 4Page - NXP Semiconductors 74F378 Datasheet HTML 5Page - NXP Semiconductors 74F378 Datasheet HTML 6Page - NXP Semiconductors 74F378 Datasheet HTML 7Page - NXP Semiconductors 74F378 Datasheet HTML 8Page - NXP Semiconductors 74F378 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74F378
Hex D flip-flop with enable
1989 Oct 05
5
AC ELECTRICAL CHARACTERISTICS
LIMITS
Tamb = +25°C
Tamb = 0°C to +70°C
SYMBOL
PARAMETER
TEST
VCC = +5.0V
VCC = +5.0V ± 10%
UNIT
CONDITION
CL = 50pF, RL = 500Ω
CL = 50pF, RL = 500Ω
MIN
TYP
MAX
MIN
MAX
fMAX
Maximum clock frequency
Waveform 1
80
100
80
MHz
tPLH
tPHL
Propagation delay
CP to Qn
Waveform 1
3.0
3.5
5.5
6.0
7.5
8.5
3.0
3.5
8.5
9.5
ns
AC SETUP REQUIREMENTS
LIMITS
Tamb = +25°C
Tamb = 0°C to +70°C
SYMBOL
PARAMETER
TEST
VCC = +5.0V
VCC = +5.0V ± 10%
UNIT
CONDITION
CL = 50pF, RL = 500Ω
CL= 50pF, RL = 500Ω
MIN
TYP
MAX
MIN
MAX
ts (H)
ts (L)
Setup time, High or Low
Dn to CP
Waveform 2
4.0
4.0
4.0
4.0
ns
th (H)
th (L)
Hold time, High or Low
Dn to CP
Waveform 2
0
0
0
0
ns
ts (H)
ts (L)
Setup time, High or Low
E to CP
Waveform 2
4.0
10.0
4.0
10.0
ns
th (H)
th (L)
Hold time, High or Low
E to CP
Waveform 2
0
0
0
0
ns
tw (H)
tw (L)
CP Pulse width,
High or Low
Waveform 1
4.0
6.0
4.0
6.0
ns
AC WAVEFORMS
For all waveforms, VM = 1.5V.
The shaded areas indicate when the input is permitted to change for predictable output performance.
tPLH
CP
VM
VM
VM
tw(H)
1/fMAX
VM
VM
tw(L)
tPHL
Qn
SF00919
Waveform 1. Propagation Delay, Clock Input to Output,
Clock Pulse Width, and Maximum Clock Frequency
VM
VM
VM
VM
VM
VM
ts(H)
ts(L)
En
CP
SF00920
th=0
th=0
VM
VM
ts
th
Dn
Waveform 2. Data and Enable Setup Time and Hold Times



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com