Electronic Components Datasheet Search
  English  ▼

X  

STM4884A Datasheet(PDF) 4 Page - Weitron Technology

Part # STM4884A
Description  Surface Mount N-Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

STM4884A Datasheet(HTML) 4 Page - Weitron Technology

  STM4884A Datasheet HTML 1Page - Weitron Technology STM4884A Datasheet HTML 2Page - Weitron Technology STM4884A Datasheet HTML 3Page - Weitron Technology STM4884A Datasheet HTML 4Page - Weitron Technology STM4884A Datasheet HTML 5Page - Weitron Technology STM4884A Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
WEITRON
http://www.weitron.com.tw
WT4884AM
W
WEE IITT RR O
ON
N
FIG.11 Switching Test Circuit
FIG.12 Switching Waveforms
4/6
01-Aug-05
V DD
R
D
V
V
R
S
V
G
GS
IN
GEN
OUT
L
t
V
V
t
t
d(on)
OUT
IN
on
r
10%
td(off)
90%
10%
10%
50%
50%
90%
toff
tf
90%
PULSE WIDTH
5
INVERTED
Fig.7 Transconductance Variation
with Drain Current
IDS, Drain-Source Current (A)
Fig.9 Gate Charge
Qg, Total Gate Charge (nC)
Fig.10 Maximum Safe Operating Area
VDS, Drain-Source Voltage (V)
Fig.8 Body Diode Forward Voltage
Variation with Source Current
VSD, Body Diode Forward Voltage (V)
30
24
0
6
12
18
0
5
10
15
20
VDS=10V
20.0
10.0
1.0
0.2
0.4
0.6
0.8
1.0
1.2
VGS=0V
8
10
6
4
2
0
0
9
27 36
54
63 72
VDS=15V
ID=12A
50
10
1
0.1
0.03
0.1
1
10
30 50
VGS=10V
Single Pulse
TA=25 C
10m
s
100m
s
1s
DC
18
45



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com