Electronic Components Datasheet Search
  English  ▼

X  

WT7822AM Datasheet(PDF) 2 Page - Weitron Technology

Part # WT7822AM
Description  Surface Mount N-Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

WT7822AM Datasheet(HTML) 2 Page - Weitron Technology

  WT7822AM Datasheet HTML 1Page - Weitron Technology WT7822AM Datasheet HTML 2Page - Weitron Technology WT7822AM Datasheet HTML 3Page - Weitron Technology WT7822AM Datasheet HTML 4Page - Weitron Technology WT7822AM Datasheet HTML 5Page - Weitron Technology WT7822AM Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
WEITRON
http://www.weitron.com.tw
WT7822AM
Input Capacitance
VDS=16V,VGS=0V, f=1MHZ
Output Capacitance
VDS=16V,VGS=0V, f=1MHZ
Reverse Transfer Capacitance
VDS=16V,VGS=0V, f=1MHZ
Total Gate Charge
Drain-Source Breakdown Voltage
VGS=0V, ID=250µA
Gate-Source Threshold Voltage
VDS=VGS, ID=250µA
Gate-Source Leakage Current
VDS=0V,VGS= 16V
Drain-Source On-Resistance
VGS=10V, ID=14A
On-State Drain Current
VDS=10V,VGS=10V
Forward Transconductance
VDS=10V, ID=14A
Static
Dynamic
Switching (3)
Characteristic
Symbol
Unit
Min
Typ
Max
V(BR)DSS
VGS (th)
rDS (on)
VSD
IGSS
IDSS
ID(on)
gfs
Ciss
Coss
Crss
td(on)
td(off)
Qg
Qgs
Qgd
25
-
V
0.7
1.2
2.0
V
-
-
-
-
-
1
100
nA
m
Ω
uA
A
S
6
7
8
9
3640
550
420
F
P
12.3
23.8
12.1
73.9
36.2
-
-
11.2
9.9
0.84
1.2
nS
nS
nS
nS
nc
nc
nc
V
-
10.2
-
Electrical Characteristics (TA=25 C Unless otherwise noted)
Zero Gate Voltage Drain Current
VDS=20V,VGS=0V
-
-
-
28
10
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Turn-On Delay Time
Turn-Off Time
(2)
(3)
+
+
-
-
-
-
Rise Time
t
t
Fall Time
f
r
Note:
2. Pulse Test : PW 300us, Duty Cycle 2%.
1. Surface Mounted on FR4 Board t 10sec.
3. Guaranteed by Design, not Subject to Production Testing.
4. Guaranteed when external Rg=6Ω and tf < tf max.
VGS=4.5V, ID=10A
=5V,V =16V, ID=14A, RGEN=6Ω
DD
VGS
=5V,V =16V, ID=14A, RGEN=6Ω
DD
VGS
=5V,V =16V, ID=14A, RGEN=6Ω
DD
VGS
=5V,V =16V, ID=14A, RGEN=6Ω
DD
VGS
Gate-Source Charge
Gate-Drain Charge
VGS=5V, VDS=16V, ID=14A
VGS=5V, VDS=16V, ID=14A
Drain-Source Diode Forward Voltage
VGS=0V, IS=14A
<_
<_
<_
VGS=5V,VDS=16V,ID=14A
VGS=10V,VDS=16V,ID=14A
2/6
02-Aug-05



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com