Electronic Components Datasheet Search
  English  ▼

X  

74F381 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74F381
Description  Arithmetic Logic Unit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F381 Datasheet(HTML) 5 Page - NXP Semiconductors

  74F381 Datasheet HTML 1Page - NXP Semiconductors 74F381 Datasheet HTML 2Page - NXP Semiconductors 74F381 Datasheet HTML 3Page - NXP Semiconductors 74F381 Datasheet HTML 4Page - NXP Semiconductors 74F381 Datasheet HTML 5Page - NXP Semiconductors 74F381 Datasheet HTML 6Page - NXP Semiconductors 74F381 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Philips Semiconductors
Product specification
74F381
Arithmetic Logic Unit
1989 Mar 01
5
FUNCTION SELECT TABLE
SELECT
OPERATING
MODE
S0
S1
S2
OPERATING
MODE
L
L
L
Clear
H
L
L
B minus A
L
H
L
A minus B
H
H
L
A Plus B
L
L
H
A
B
H
L
H
A + B
L
H
H
AB
H
H
H
Preset
H = High voltage level
L
= Low voltage level
Table 1. 16-Bit Delay Tabulation
PATH SEGMENT
TOWARD
F
OUTPUT
Cn+4, OVR
Ai or Bi to P
7.2ns
7.2ns
Pi to Cn+i (74F182)
6.2ns
6.2ns
Cn to F
8.1ns
–
Cn to Cn+4, OVR
–
8.0ns
Total Delay
21.5ns
21.4ns
APPLICATION
A
B
Cn
SF00925
CIN
S
F
Q
P
74F381
F0–F3
4
4
3
3
A0–A3
B0–B3
G0
P0
Cn+x
A
B
Cn
S
F
Q
P
74F381
F4–F7
4
4
3
A4–A7
B4–B7
G1
P1
Cn+y
A
B
Cn
S
F
Q
P
74F381
F8–F11
4
4
3
A8–A11
B8–B11
G2
P2
Cn+z
A
B
Cn
S
F
74F382
F12–F15
4
4
3
A12–A15
B12–B15
Cn+4
OVR
74F182
OVERFLOW
COUT
Cn
SELECT
Figure 1. 16-bit Look-ahead Carry ALU Expansion
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limit set forth in this table may impair the useful life of the device. Unless otherwise noted these limits are over the
operating free-air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +1
mA
VOUT
Voltage applied to output in High output state
–0.5 to VCC
V
IOUT
Current applied to output in Low output state
40
mA
Tamb
Operating free-air temperature range
0 to +70
°C
TSTG
Storage temperature range
–65 to +150
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com