Electronic Components Datasheet Search
  English  ▼

X  

N74374DB Datasheet(PDF) 8 Page - NXP Semiconductors

Part # N74374DB
Description  Octal transparent latch 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

N74374DB Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button N74374DB Datasheet HTML 4Page - NXP Semiconductors N74374DB Datasheet HTML 5Page - NXP Semiconductors N74374DB Datasheet HTML 6Page - NXP Semiconductors N74374DB Datasheet HTML 7Page - NXP Semiconductors N74374DB Datasheet HTML 8Page - NXP Semiconductors N74374DB Datasheet HTML 9Page - NXP Semiconductors N74374DB Datasheet HTML 10Page - NXP Semiconductors N74374DB Datasheet HTML 11Page - NXP Semiconductors N74374DB Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Philips Semiconductors
Product specification
74F373/74F374
Latch/flip-flop
December 5, 1994
8
AC WAVEFORMS (Continued)
For all waveforms, VM = 1.5V.
The shaded areas indicate when the input is permitted to change for
predictable output performance.
VM
VM
VM
VM
VM
VM
tsu(L)
th(L)
tsu(H)
th(H)
CP
Dn
SF00262
Waveform 5. Data setup time and hold times
Qn, Qn
VM
VM
VM
tPHZ
tPZH
OEn
VOH -0.3V
0V
SF00263
Waveform 6. 3-State output enable time to high level
and output disable time from high level
VM
VM
VM
tPLZ
tPZL
VOL +0.3V
OEn
Qn, Qn
SF00264
Waveform 7. 3-State output enable time to low level
and output disable time from low level
TEST CIRCUIT AND WAVEFORMS
tw
90%
VM
10%
90%
VM
10%
90%
VM
10%
90%
VM
10%
NEGATIVE
POSITIVE
tw
AMP (V)
0V
0V
tTHL (tf )
INPUT PULSE REQUIREMENTS
rep. rate
tw
tTLH
tTHL
1MHz
500ns 2.5ns
2.5ns
Input pulse definition
VCC
family
74F
D.U.T.
GENERATOR
RL
CL
RT
VIN
VOUT
Test circuit for 3-state outputs
tTHL (tf )
tTLH (tr )
tTLH (tr )
AMP (V)
amplitude
3.0V
1.5V
VM
RL
7.0V
SWITCH POSITION
TEST
SWITCH
closed
open
All other
tPLZ, tPZL
DEFINITIONS:
Load resistor; see AC electrical characteristics for value.
Load capacitance includes jig and probe capacitance;
see AC electrical characteristics for value.
Termination resistance should be equal to ZOUT of pulse
generators.
SF00265
PULSE
PULSE
PULSE
RL =
CL =
RT =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com