Electronic Components Datasheet Search
  English  ▼

X  

THN6201 Datasheet(PDF) 2 Page - Tachyonics CO,. LTD

Part # THN6201
Description  NPN SiGe RF TRANSISTOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TACHYONICS [Tachyonics CO,. LTD]
Direct Link  
Logo TACHYONICS - Tachyonics CO,. LTD

THN6201 Datasheet(HTML) 2 Page - Tachyonics CO,. LTD

  THN6201 Datasheet HTML 1Page - Tachyonics CO,. LTD THN6201 Datasheet HTML 2Page - Tachyonics CO,. LTD THN6201 Datasheet HTML 3Page - Tachyonics CO,. LTD THN6201 Datasheet HTML 4Page - Tachyonics CO,. LTD THN6201 Datasheet HTML 5Page - Tachyonics CO,. LTD THN6201 Datasheet HTML 6Page - Tachyonics CO,. LTD THN6201 Datasheet HTML 7Page - Tachyonics CO,. LTD THN6201 Datasheet HTML 8Page - Tachyonics CO,. LTD THN6201 Datasheet HTML 9Page - Tachyonics CO,. LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
THN6201 series
□ Electrical Characteristics ( T
A = 25 ℃ )
Collector Cut-off Current
Emitter Cut-off Current
DC Current Gain
Transition Frequency
Collector to Base Capacitance
VCE = 3 V, IC = 5 mA, f = 1 GHz
VCE = 3 V, IC = 15 mA, f = 1 GHz
VCE = 3 V, IC = 5 mA, f = 2 GHz
VCE = 3 V, IC = 15 mA, f = 2 GHz
VCE = 3 V, IC = 5 mA, f = 1 GHz
VCE = 3 V, IC = 15 mA, f = 1 GHz
VCE = 3 V, IC = 5 mA, f = 2 GHz
VCE = 3 V, IC = 15 mA, f = 2 GHz
VCE = 3 V, IC = 5 mA, f = 1 GHz
VCE = 3 V, IC = 5 mA, f = 2 GHz
VCE = 3 V, IC = 5 mA, f = 1 GHz
VCE = 3 V, IC = 5 mA, f = 2 GHz
VCE = 3 V, IC = 5 mA, f = 1 GHz
VCE = 3 V, IC = 15 mA, f = 1 GHz
VCE = 3 V, IC = 5 mA, f = 2 GHz
VCE = 3 V, IC = 15 mA, f = 2 GHz
-
-
-
-
-
-
-
-
-
-
-
-
-
9
--
-
-
-
12.5
14
8
13
6
7.5
-
11.5
-
-
-
uA
uA
Value
uA
VCB = 10 V, f = 1 MHz
-
-
-
Unit
Min. Typ. Max.
-
9.5
17
18.5
12
13
1.1
Associated Gain
GA
0.12
0.06
MAG
rn
Parameter
Test Condition
CCB
ICBO
ICEO
IEBO
Symbol
0.47
VCB = 19 V, IE = 0 mA
VCE = 3 V, IC = 15 mA, f = 1 GHz
(ZS = ZSopt, ZL = ZLopt)
VCE = 12 V, IB = 0 mA
VEB = 1 V, IC = 0 mA
VCE = 3 V, IC = 15 mA
VCE = 3 V, IC = 15 mA
--
-
-
P1dB, IN
Input 1dB Compression Point
0.5
13.5
15
8
pF
5
80
200
0.5
300
12
dB
1.5
14.5
16
Ω
Maximum Available Gain
15
16.5
10
11
-
-
Minimum Noise Figure
Noise Resistance
NFmin
10
GHz
Insertion Power Gain
dB
10
dBm
dB
11
dB
hFE
|S21|
2
fT
www.tachyonics.co.kr
- 2/13 -
Aug.-2005
Rev 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com