Electronic Components Datasheet Search
  English  ▼

X  

74F3893 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F3893
Description  Quad futurebus backplane transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F3893 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F3893 Datasheet HTML 1Page - NXP Semiconductors 74F3893 Datasheet HTML 2Page - NXP Semiconductors 74F3893 Datasheet HTML 3Page - NXP Semiconductors 74F3893 Datasheet HTML 4Page - NXP Semiconductors 74F3893 Datasheet HTML 5Page - NXP Semiconductors 74F3893 Datasheet HTML 6Page - NXP Semiconductors 74F3893 Datasheet HTML 7Page - NXP Semiconductors 74F3893 Datasheet HTML 8Page - NXP Semiconductors 74F3893 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74F3893
Quad Futurebus backplane transceiver
2
January 18, 1991
853-1397 01496
FEATURES
• Quad backplane transceiver
• Drives heavily loaded backplanes with equivalent load
impedances down to 10 ohms
• Futurebus drivers sink 100mA
• Reduced voltage swing (1 volt) produces less noise and
reduces power consumption
• High speed operation enhances performance of backplane
buses and facilitates incident wave switching
• Compatible with IEEE 896 and IEEE 1194.1 Futurebus
Standards
• Built–in precision band–gap (BG) reference provides
accurate receiver thresholds and improved noise immunity
• Glitch–free power up/power down operation on all outputs
• Pin and function compatible with NSC DS3893
DESCRIPTION
The 74F3893 is a quad backplane transceivers and is
intended to be used in very high speed bus systems.
The 74F3893 interfaces to ‘Backplane Transceiver Logic’
(BTL). BTL features a reduced (1V to 2V) voltage swing for
lower power consumption and a series diode on the drivers
to reduce capacitive loading (< 5pF).
Incident wave switching is employed, therefore BTL
propagation delays are short. Although the voltage swing is
much less for BTL, so is its receiver threshold region,
therefore noise margins are excellent.
BTL offers low power consumption, low ground bounce, EMI
and crosstalk, low capacitive loading, superior noise margin
and low propagation delays. This results in a high
bandwidth, reliable backplane.
The 74F3893 has four TTL outputs (Rn) on the receiver
side with a common receiver enable input (RE). It has four
data inputs (Dn) which are also TTL. These data inputs are
NANDed with the data enable input (DE). The four I/O pins
(bus side) are futurebus compatible, sink a minimum of
100mA, and are designed to drive heavily loaded
backplanes with load impedances as low as 10 ohms. All
outputs are designed to be glitch–free during power up and
down.
TYPE
TYPICAL
PROPAGATION DELAY
TYPICAL SUPPLY
CURRENT( TOTAL)
74F3893
3.0ns
55mA
ORDERING INFORMATION
ORDER CODE
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
PKG DWG #
20-pin PLCC
N74F3893A
SOT380-1
INPUT AND OUTPUT LOADING AND FAN OUT TABLE
PINS
DESCRIPTION
74F (U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
D0 – D3
Data inputs
1.0/0.067
20
µA/40µA
DE
Data enable input
1.0/0.33
20
µA/200µA
RE
Receiver enable input
1.0/0.067
20
µA/40µA
I/O0 – I/O3
Bus inputs
5.0/0.033
100
µA/20µA
I/O0 – I/O3
Bus outputs
OC/166.7
OC/100mA
R0 – R7
Receiver outputs
150/40
3mA/24mA
Notes to input and output loading and fan out table
One (1.0) FAST unit load is defined as: 20
µA in the high state and 0.6mA in the low state.
OC= Open collector.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com