Electronic Components Datasheet Search
  English  ▼

X  

GIPSAC2 Datasheet(PDF) 1 Page - Belden Inc.

Part # GIPSAC2
Description  Indoor semi-tight buffered patchcord LSZH jacket 2.0mm DX Zip SM OS2 G.652.D & G.657.A1.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

GIPSAC2 Datasheet(HTML) 1 Page - Belden Inc.

  GIPSAC2 Datasheet HTML 1Page - Belden Inc. GIPSAC2 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: GIPSAC2
Indoor semi-tight buffered patchcord LSZH jacket 2.0mm DX Zip SM OS2
G.652.D & G.657.A1.
Product Description
Indoor semi-tight buffered patchcord with Low Smoke Zero Halogen outer jacket. 2.0mm duplex zipcord SM OS2 G.652.D & G.657.A1.
Technical Specifications
Product Overview
Construction Type:
Interconnect
Environmental Space:
Indoor (Not Riser or Plenum)
Suitable Applications:
Flexible terminating leads such as pigtails, patchcords and test leads. Support all computer network applications such as FDDI, Gigabit Ethernet and ATM.
Short distance applications for indoor use.
Construction
Fiber Cable Construction
Fiber Type Fiber Grade acc. ITU-T Fiber Count
OS2
G.652D & G.657A1
2
Fiber Color Coding:
TIA coding (Gxxxxxx.T): Blue, Orange
Buffer Specification
Fiber Type Buffer Construction
Buffer Material
Buffer Diameter
OS1
Semi-Tight
LSZH - Low Smoke Zero Halogen 0.9 mm
Cable Core Water Tight:
Yes
Bulk Cable Weight:
8.7 kg/km
Jacket Specifications
Number of Jackets:
Single Jacket
Type of Armor:
Non-Armored
Outer Jacket Specifications
Outer Jacket
Material
Nominal Diameter Ripcord
LSZH - Low Smoke Zero Halogen (Flame Retardant) 2 mm
No
Table Notes:
Standard color: Orange. Available colors: Orange, Yellow, Turquoise, Erika Violet, Red, Blue, Green, Brown, Violet, Pink, Grey, White, Black, Lime Green
Optical Characteristics
Max. Attenuation at 1310 nm:
0.40 dB/km
Max. Attenuation at 1550 nm:
0.30 dB/km
Max. Attenuation at 1625 nm:
0.30 dB/km
Mechanical Characteristics
Mechanical Tests
Description
Tested Standard
Requirement/Value According to Family Specification
Cable Min. Bend Radius Operation (Long Term)
IEC 60794-1-21-E11 60 mm
IEC 60794-2-10
Cable Max. Tensile Strength Installation (Short Term)
IEC 60794-1-21-E1
450 N (101 lbf)
IEC 60794-2-10


Similar Part No. - GIPSAC2

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GIPSAC1 BELDEN-GIPSAC1 Datasheet
142Kb / 2P
Indoor semi-tight buffered patchcord LSZH jacket 2.0mm simplex SM OS2 G.652.D & G.657.A1.
01-19-2023
GIPSAC1.004100 BELDEN-GIPSAC1.004100 Datasheet
142Kb / 2P
Indoor semi-tight buffered patchcord LSZH jacket 2.0mm simplex SM OS2 G.652.D & G.657.A1.
01-19-2023
GIPSACH BELDEN-GIPSACH Datasheet
142Kb / 2P
Indoor semi-tight buffered patchcord LSZH jacket 2.0mm heavy DX SM OS2 G.652.D & G.657.A1.
01-19-2023
GIPSACH.002100 BELDEN-GIPSACH.002100 Datasheet
142Kb / 2P
Indoor semi-tight buffered patchcord LSZH jacket 2.0mm heavy DX SM OS2 G.652.D & G.657.A1.
01-19-2023
More results

Similar Description - GIPSAC2

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GIPSAA2 BELDEN-GIPSAA2 Datasheet
141Kb / 2P
Indoor semi-tight buffered patchcord LSZH jacket 1.6mm DX Zip SM OS2 G.652.D & G.657.A1.
01-20-2023
GIPSACH BELDEN-GIPSACH Datasheet
142Kb / 2P
Indoor semi-tight buffered patchcord LSZH jacket 2.0mm heavy DX SM OS2 G.652.D & G.657.A1.
01-19-2023
GIPSAD2 BELDEN-GIPSAD2 Datasheet
141Kb / 2P
Indoor semi-tight buffered patchcord LSZH jacket 2.4mm DX Zip SM OS2 G.652.D & G.657.A1.
01-20-2023
GIPSAH2 BELDEN-GIPSAH2 Datasheet
141Kb / 2P
Indoor semi-tight buffered patchcord LSZH jacket 2.1mm DX Zip SM OS2 G.652.D & G.657.A1.
01-20-2023
GIPTAA2 BELDEN-GIPTAA2 Datasheet
167Kb / 2P
Indoor tight buffered patchcord LSZH jacket 1.6mm DX Zip SM OS2 G.652.D & G.657.A1.
01-20-2023
GIPTAB2 BELDEN-GIPTAB2 Datasheet
167Kb / 2P
Indoor tight buffered patchcord LSZH jacket 1.8mm DX Zip SM OS2 G.652.D & G.657.A1.
01-20-2023
GIPTAC2 BELDEN-GIPTAC2 Datasheet
168Kb / 2P
Indoor tight buffered patchcord LSZH jacket 2.0mm DX Zip SM OS2 G.652.D & G.657.A1. CPR Eca.
01-20-2023
GIPTAD2 BELDEN-GIPTAD2 Datasheet
167Kb / 2P
Indoor tight buffered patchcord LSZH jacket 2.4mm DX Zip SM OS2 G.652.D & G.657.A1.
01-20-2023
GIPTAE2 BELDEN-GIPTAE2 Datasheet
168Kb / 2P
Indoor tight buffered patchcord LSZH jacket 2.8mm DX Zip SM OS2 G.652.D & G.657.A1.
01-20-2023
GIPTAH2 BELDEN-GIPTAH2 Datasheet
167Kb / 2P
Indoor tight buffered patchcord LSZH jacket 2.1mm DX Zip SM OS2 G.652.D & G.657.A1.
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com