Electronic Components Datasheet Search
  English  ▼

X  

GIPSAFH Datasheet(PDF) 1 Page - Belden Inc.

Part # GIPSAFH
Description  Indoor semi-tight buffered patchcord LSZH jacket 3.0mm heavy DX SM OS2 G.652.D & G.657.A1.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

GIPSAFH Datasheet(HTML) 1 Page - Belden Inc.

  GIPSAFH Datasheet HTML 1Page - Belden Inc. GIPSAFH Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: GIPSAFH
Indoor semi-tight buffered patchcord LSZH jacket 3.0mm heavy DX SM OS2
G.652.D & G.657.A1.
Product Description
Indoor semi-tight buffered patchcord with Low Smoke Zero Halogen outer jacket. 3.0mm heavy duplex SM OS2 G.652.D & G.657.A1.
Technical Specifications
Product Overview
Construction Type:
Interconnect
Environmental Space:
Indoor (Not Riser or Plenum)
Suitable Applications:
Flexible terminating leads such as pigtails, patchcords and test leads. Support all computer network applications such as FDDI, Gigabit Ethernet and ATM.
Short distance applications for indoor use.
Construction
Fiber Cable Construction
Fiber Type Fiber Grade acc. ITU-T Fiber Count
OS2
G.652D & G.657A1
2
Fiber Color Coding:
TIA coding (Gxxxxxx.T): Blue, Orange
Buffer Specification
Fiber Type Buffer Construction
Buffer Material
Buffer Diameter
OS1
Semi-Tight
LSZH - Low Smoke Zero Halogen 0.9 mm
Cable Core Water Tight:
Yes
Bulk Cable Weight:
39 kg/km
Jacket Specifications
Number of Jackets:
Single Jacket
Type of Armor:
Non-Armored
Outer Jacket Specifications
Outer Jacket
Material
Nominal Diameter Ripcord
LSZH - Low Smoke Zero Halogen (Flame Retardant) 3 mm
No
Table Notes:
Standard color: Orange. Available colors: Orange, Yellow, Turquoise, Erika Violet, Red, Blue, Green, Brown, Violet, Pink, Grey, White, Black, Lime Green
Optical Characteristics
Max. Attenuation at 1310 nm:
0.40 dB/km
Max. Attenuation at 1550 nm:
0.30 dB/km
Max. Attenuation at 1625 nm:
0.30 dB/km
Mechanical Characteristics
Mechanical Tests
Description
Tested Standard
Requirement/Value According to Family Specification
Cable Min. Bend Radius Operation (Long Term)
IEC 60794-1-21-E11 60 mm
IEC 60794-2-10
Cable Max. Tensile Strength Installation (Short Term)
IEC 60794-1-21-E1
600 N (135 lbf)
IEC 60794-2-10


Similar Part No. - GIPSAFH

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GIPSAF1 BELDEN-GIPSAF1 Datasheet
142Kb / 2P
Indoor semi-tight buffered patchcord LSZH jacket 3.0mm simplex SM OS2 G.652.D & G.657.A1. CPR Eca.
01-19-2023
GIPSAF1.002100 BELDEN-GIPSAF1.002100 Datasheet
142Kb / 2P
Indoor semi-tight buffered patchcord LSZH jacket 3.0mm simplex SM OS2 G.652.D & G.657.A1. CPR Eca.
01-19-2023
GIPSAF1.012100 BELDEN-GIPSAF1.012100 Datasheet
142Kb / 2P
Indoor semi-tight buffered patchcord LSZH jacket 3.0mm simplex SM OS2 G.652.D & G.657.A1. CPR Eca.
01-19-2023
GIPSAF1.032100 BELDEN-GIPSAF1.032100 Datasheet
142Kb / 2P
Indoor semi-tight buffered patchcord LSZH jacket 3.0mm simplex SM OS2 G.652.D & G.657.A1. CPR Eca.
01-19-2023
GIPSAF2 BELDEN-GIPSAF2 Datasheet
141Kb / 2P
Indoor semi-tight buffered patchcord LSZH jacket 3.0mm DX Zip SM OS2 G.652.D & G.657.A1. CPR Eca.
01-20-2023
More results

Similar Description - GIPSAFH

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GIPSAAH BELDEN-GIPSAAH Datasheet
140Kb / 2P
Indoor semi-tight buffered patchcord LSZH jacket 1.6mm heavy DX SM OS2 G.652.D & G.657.A1.
01-20-2023
GIPSABH BELDEN-GIPSABH Datasheet
141Kb / 2P
Indoor semi-tight buffered patchcord LSZH jacket 1.8mm heavy DX SM OS2 G.652.D & G.657.A1.
01-20-2023
GIPSACH BELDEN-GIPSACH Datasheet
142Kb / 2P
Indoor semi-tight buffered patchcord LSZH jacket 2.0mm heavy DX SM OS2 G.652.D & G.657.A1.
01-19-2023
GIPSADH BELDEN-GIPSADH Datasheet
142Kb / 2P
Indoor semi-tight buffered patchcord LSZH jacket 2.4mm heavy DX SM OS2 G.652.D & G.657.A1.
01-19-2023
GIPSAEH BELDEN-GIPSAEH Datasheet
142Kb / 2P
Indoor semi-tight buffered patchcord LSZH jacket 2.8mm heavy DX SM OS2 G.652.D & G.657.A1.
01-19-2023
GIPSAFR BELDEN-GIPSAFR Datasheet
140Kb / 2P
Indoor semi-tight buffered patchcord LSZH jacket 3.0mm round DX SM OS2 G.652.D & G.657.A1.
01-20-2023
GIPSAHH BELDEN-GIPSAHH Datasheet
140Kb / 2P
Indoor semi-tight buffered patchcord LSZH jacket 2.1mm heavy DX SM OS2 G.652.D & G.657.A1.
01-20-2023
GIPTAF2 BELDEN-GIPTAF2 Datasheet
167Kb / 2P
Indoor tight buffered patchcord LSZH jacket 3.0mm DX Zip SM OS2 G.652.D & G.657.A1.
01-20-2023
GIPTAFH BELDEN-GIPTAFH Datasheet
141Kb / 2P
Indoor tight buffered patchcord LSZH jacket 3.0mm heavy DX SM OS2 G.652.D & G.657.A1.
01-20-2023
GIPTAFR BELDEN-GIPTAFR Datasheet
141Kb / 2P
Indoor tight buffered patchcord LSZH jacket 3.0mm round DX SM OS2 G.652.D & G.657.A1.
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com