Electronic Components Datasheet Search
  English  ▼

X  

TL66-2F-10 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # TL66-2F-10
Description  TWIN-BOBBIN TRANSFORMER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

TL66-2F-10 Datasheet(HTML) 2 Page - DB Lectro Inc

  TL66-2F-10 Datasheet HTML 1Page - DB Lectro Inc TL66-2F-10 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TWIN-BOBBIN
TRANSFORMER
Secondary RMS Rating
Product
Series
Part Number
Input Voltage
(V)
Series
Parallel
2VA
TL66-2F-10
TL66-2F-12
TL66-2F-16
TL66-2F-20
TL66-2F-24
TL66-2F-30
TL66-2F-34
TL66-2F-40
TL66-2F-56
TL66-2F-88
TL66-2F-120
TL66-2F-230
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
10V C.T.
12.6V C.T.
16V C.T.
20V C.T.
24V C.T.
30V C.T.
34V C.T.
40V C.T.
56V C.T.
88V C.T.
120V C.T.
230V C.T.
@0.25A
@0.2A
@0.15A
@0.12A
@0.1A
@0.085A
@0.075A
@0.06A
@0.045A
@0.028A
@0.02A
@0.01A
5V
6.3V
8V
10V
12V
15V
17V
20V
28V
44V
60V
115V
@0.5A
@0.4A
@0.3A
@0.25A
@0.2A
@0.17A
@0.15A
@0.12A
@0.09A
@0.056A
@0.04A
@0.02A
6VA
TL66-6F-10
TL66-6F-12
TL66-6F-16
TL66-6F-20
TL66-6F-24
TL66-6F-30
TL66-6F-34
TL66-6F-40
TL66-6F-56
TL66-6F-88
TL66-6F-120
TL66-6F-230
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
10V C.T.
12.6V C.T.
16V C.T.
20V C.T.
24V C.T.
30V C.T.
34V C.T.
40V C.T.
56V C.T.
88V C.T.
120V C.T.
230V C.T.
@0.6A
@0.45A
@0.35A
@0.3A
@0.25A
@0.2A
@0.17A
@0.15A
@0.1A
@0.065A
@0.05A
@0.025A
5V
6.3V
8V
10V
12V
15V
17V
20V
28V
44V
60V
115V
@1.2A
@0.9A
@0.7A
@0.6A
@0.5A
@0.4A
@0.34A
@0.3A
@0.2A
@0.13A
@0.1A
@0.05A
12VA
TL66-12F-10
TL66-12F-12
TL66-12F-16
TL66-12F-20
TL66-12F-24
TL66-12F-30
TL66-12F-34
TL66-12F-40
TL66-12F-56
TL66-12F-88
TL66-12F-120
TL66-12F-230
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
10V C.T.
12.6V C.T.
16V C.T.
20V C.T.
24V C.T.
30V C.T.
34V C.T.
40V C.T.
56V C.T.
88V C.T.
120V C.T.
230V C.T.
@1.2A
@0.9A
@0.7A
@0.6A
@0.5A
@0.4A
@0.34A
@0.3A
@0.2A
@0.13A
@0.1A
@0.05A
5V
6.3V
8V
10V
12V
15V
17V
20V
28V
44V
60V
115V
@2.4A
@1.8A
@1.4A
@1.2A
@1A
@0.8A
@0.68A
@0.6A
@0.4A
@0.26A
@0.2A
@0.1A
48VA
TL66-48F-10
TL66-48F-12
TL66-48F-16
TL66-48F-20
TL66-48F-24
TL66-48F-30
TL66-48F-34
TL66-48F-40
TL66-48F-56
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
10V C.T.
12.6V C.T.
16V C.T.
20V C.T.
24V C.T.
30V C.T.
34V C.T.
40V C.T.
56V C.T.
@4.8A
@3.8A
@3A
@2.4A
@2A
@1.6A
@1.4A
@1.2A
@0.85A
5V
6.3V
8V
10V
12V
15V
17V
20V
28V
@9.6A
@7.6A
@6A
@4.8A
@4A
@3.2A
@2.8A
@2.4A
@1.7A
3600 boul. Matte suite iBrossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com
DB LECTRO Inc.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com