Electronic Components Datasheet Search
  English  ▼

X  

636 Datasheet(PDF) 3 Page - CTS Corporation

Part # 636
Description  CMOS/TTL CLOCK OSCILLATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

636 Datasheet(HTML) 3 Page - CTS Corporation

  636 Datasheet HTML 1Page - CTS Corporation 636 Datasheet HTML 2Page - CTS Corporation 636 Datasheet HTML 3Page - CTS Corporation 636 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document No. 008-0250-0
Page 3 - 4
Rev. C
٠ ٠ ٠ CTS Communications Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ 630-924-3500 ٠ ٠ ٠
Model 636
5x3.2mm Low Cost
CMOS/TTL Clock Oscillator
MECHANICAL SPECIFICATIONS
PACKAGE DRAWING
MARKING INFORMATION
1
(1.0)
0.039
PIN 1 IDENTIFIER
4
3
2
Inch
(mm)
Key:
(2.2)
0.087
(1.2)
0.126 ±0.008
(3.2 ±0.2)
0.047
0.197 ±0.008
0.047
0.100
(2.54)
(5.0 ±0.2)
MAX
(1.2)
SUGGESTED SOLDER PAD GEOMETRY
SUGGESTED REFLOW PROFILE
.100 [2.54]
.087 [2.20]
.055 [1.40]
Key:
[mm]
Inch
.047 [1.20]
12
3
4
C BYPASS
CBYPASS should be ≥ 0.01 uF.
CMOS/TTL OUTPUT WAVEFORM
TEST CIRCUIT, CMOS LOAD
PERIOD (T)
90%, 80%, 2.4V
50%, 1.5V
10%, 20%, 0.5V
DUTY CYCLE = t/T x 100 (%)
V
V
OH
OL
Tr
Tf
UPTIME (t)
POWER
SUPPLY
+
-
+-
-
+
VM
mA
.01uF
D.U.T.
43
12
CL
Including probe
capacitance.
Enable Input
ENABLE TRUTH TABLE
PIN 1
PIN 3
Logic ‘1’
Output
Open
Output
Logic ‘0’
High Imp.
D.U.T. PIN ASSIGNMENTS
PIN
SYMBOL
DESCRIPTION
1
EOH
Enable Input
2
GND
Circuit & Package Ground
3
Output
RF Output
4
VCC
Supply Voltage
1. ** - Manufacturing Site Code.
2. YWW – Date code, Y – year, WW – week.
3. XXMXXXX - Frequency marked with 4 significant
digits after the ‘M’.
0
100
200
300
0
30
60
90
120
150
180
210
240
270
300
Time (Seconds)
Temp.
(°C)
Maximum 260°C, 10 seconds
Typical 245°C
130°C
CTS ** YWW
● 32M7680



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com