Electronic Components Datasheet Search
  English  ▼

X  

TSOP331 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSOP331
Description  IR Receiver Modules for Remote Control Systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP331 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSOP331 Datasheet HTML 1Page - Vishay Siliconix TSOP331 Datasheet HTML 2Page - Vishay Siliconix TSOP331 Datasheet HTML 3Page - Vishay Siliconix TSOP331 Datasheet HTML 4Page - Vishay Siliconix TSOP331 Datasheet HTML 5Page - Vishay Siliconix TSOP331 Datasheet HTML 6Page - Vishay Siliconix TSOP331 Datasheet HTML 7Page - Vishay Siliconix TSOP331 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TSOP331.., TSOP333.., TSOP335..
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 05-Aug-2021
1
Document Number: 82742
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IR Receiver Modules for Remote Control Systems
LINKS TO ADDITIONAL RESOURCES
DESCRIPTION
The TSOP33... series are miniaturized IR receiver modules
for infrared remote control systems. A PIN diode and a
preamplifier are assembled on lead frame, the epoxy
package contains an IR filter.
The demodulated output signal can be directly connected to
a microprocessor for decoding.
The TSOP333.. series devices are optimized to suppress
almost all spurious pulses from energy saving lamps like
CFLs. AGC3 may also suppress some data signals if
continuously transmitted.
The
TSOP331..
series
are
provided
primarily
for
compatibility with old AGC1 designs. New designs should
prefer the TSOP333.. series containing the newer AGC3.
The TSOP335.. series contain a very robust AGC5. This
series should only be used for critically noisy environments.
These components have not been qualified according to
automotive specifications.
FEATURES
• Very low supply current
• Photo detector and preamplifier in one package
• Internal filter for PCM frequency
• Supply voltage: 2.5 V to 5.5 V
• Improved immunity against ambient light
• Insensitive to supply voltage ripple and noise
• Compatible with wave or reflow soldering
(see “P” version of Minimold option datasheets)
• Material
categorization:
for
definitions
of
compliance please see www.vishay.com/doc?99912
MECHANICAL DATA
Pinning for TSOP33...:
1 = OUT, 2 = GND, 3 = VS
ORDERING CODE
TSOP33... - 1800 pieces in bags
BLOCK DIAGRAM
APPLICATION CIRCUIT
23051
Product Page
333
DDD3 D
3D Models
Calculators
Marking
Packages
Holders
Bends and Cuts
30 k
Ω
2
3
1
Demo-
pass
AGC
Input
PIN
Band
dulator
Control circuit
16833-13
C1
IR receiver
GND
μC
R1
+ VS
GND
Transmitter
with
TSALxxxx
VS
VO
17170-11
OUT
R
1 and C1 recommended to reduce supply ripple for VS < 2.8 V


Similar Part No. - TSOP331

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP331 VISHAY-TSOP331 Datasheet
490Kb / 22P
IR Receiver Modules for Remote Control Systems
22-Jul-16
TSOP33130 VISHAY-TSOP33130 Datasheet
490Kb / 22P
IR Receiver Modules for Remote Control Systems
22-Jul-16
TSOP33133 VISHAY-TSOP33133 Datasheet
490Kb / 22P
IR Receiver Modules for Remote Control Systems
22-Jul-16
TSOP33136 VISHAY-TSOP33136 Datasheet
490Kb / 22P
IR Receiver Modules for Remote Control Systems
22-Jul-16
TSOP33138 VISHAY-TSOP33138 Datasheet
490Kb / 22P
IR Receiver Modules for Remote Control Systems
22-Jul-16
More results

Similar Description - TSOP331

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
IR Receiver Modules for Remote Control Systems
15-Oct-2002
TSOP4830ON1 VISHAY-TSOP4830ON1 Datasheet
405Kb / 7P
IR Receiver Modules for Remote Control Systems
15-Oct-2002
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
IR Receiver Modules for Remote Control Systems
31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
IR Receiver Modules for Remote Control Systems
26-Sep-08
TSOP31230 VISHAY-TSOP31230 Datasheet
160Kb / 8P
IR Receiver Modules for Remote Control Systems
19-Aug-08
TSOP6130 VISHAY-TSOP6130 Datasheet
414Kb / 13P
IR Receiver Modules for Remote Control Systems
10-Jun-08
TSOP372 VISHAY-TSOP372 Datasheet
257Kb / 11P
IR Receiver Modules for Remote Control Systems
11-Nov-15
TSOP572 VISHAY-TSOP572 Datasheet
259Kb / 11P
IR Receiver Modules for Remote Control Systems
10-Nov-15
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
IR Receiver Modules for Remote Control Systems
22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
IR Receiver Modules for Remote Control Systems
13-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com