Electronic Components Datasheet Search
  English  ▼

X  

4307T Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 4307T
Description  Solid State LED Lamps-Sub Miniature 1.65mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

4307T Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  4307T Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
4307T Series Solid State LED Lamps-Sub Miniature 1.65mm
1-114
Chicago Miniature Lamp reserves the right to make specification revisions that enhance the design and/or performance of the product
147 Central Avenue
Hackensack, New Jersey 07601
Tel: 201-489-8989 • Fax: 201-489-6911
CHICAGO MINIATURE LAMP, INC.
WHERE INNOVATION COMES TO LIGHT
EL EC TR O- OP TIC AL C H ARAC T E R I S T I C S A N D RAT I N G S
Sub-Miniature High Brite LEDs 5mcd (red)
•High intensity light output.
•Low profile package.
•Wide viewing angle.
•Diffused epoxy lens provides high on-off contrast ratio.
3.8
4.0
3.0
.06
5
20
120
90
583
15
1.0
3.0
2.2
10
Yellow
Yellow
4307T 7
.06
5
30
120
70
565
18
1.0
3.0
2.3
10
Green
Green
4307T 5
.09
5
30
135
90
603
4
1.0
3.0
2.2
10
Amber
Amber
4307T 3
4307T 1
Diffus ed
PAR T NUMB E R
Output C olor
PackageC olor
Rated C urrent (mA)
Forward Voltage T yp. (V)
Forward V oltage Max. (V )
Luminous Intens ity Min. (mcd)
Luminous Intens ity T yp. (mcd)
Peak Wavelength (nm)
Revers e B reakdown Voltage Min. (V)
Peak F orward C urrent Max. (1ms-300pps) (A)
Diffus ion
Viewing Angle 20 1/2 (degrees)
Red
Red
10
2.2
3.0
1.0
5.0
11
635
80
120
30
5
.06
Diffus ed
Diffus ed
Diffus ed
Capacitance@ V =0 (pF )
Power Dissipation (mW)
Continuous F orwardC urrent Max. (mA)
.020 R E F .
ST R IP E
CAT HODE (-)
CAT HODE (-)
R.035
R.030
.115 MAX .
.087±.005
.043±.006
.085
.075
.075 MAX .
.055
.050
.030 MAX .
.008±.001
Ø.070±.005
.446±.006
.010 MAX .
.008 MAX .
.020±.002
All dimensions in inches.


Similar Part No. - 4307T

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
4307T VCC-4307T Datasheet
80Kb / 1P
Solid State LED Lamps-Sub Miniature 1.65mm
4307T1 VCC-4307T1 Datasheet
80Kb / 1P
Solid State LED Lamps-Sub Miniature 1.65mm
4307T3 VCC-4307T3 Datasheet
80Kb / 1P
Solid State LED Lamps-Sub Miniature 1.65mm
4307T5 VCC-4307T5 Datasheet
80Kb / 1P
Solid State LED Lamps-Sub Miniature 1.65mm
4307T7 VCC-4307T7 Datasheet
80Kb / 1P
Solid State LED Lamps-Sub Miniature 1.65mm
More results

Similar Description - 4307T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4302T ETC1-4302T Datasheet
44Kb / 1P
SOLID STATE LED LAMPS
logo
Kingbright Corporation
L174 KINGBRIGHT-L174 Datasheet
165Kb / 5P
3.2mm ROUND SOLID STATE LED LAMPS
logo
Chicago Miniature Lamp,...
4300FLC CML-4300FLC Datasheet
64Kb / 1P
T-1 Solid State LED Lamps
4302T-5V CML-4302T-5V Datasheet
234Kb / 1P
Sub Miniature 1.65mm Integrated Resistor-5Volts
logo
Everlight Electronics C...
HLMP1790 EVERLIGHT-HLMP1790 Datasheet
258Kb / 4P
SOLID STATE LAMPS
logo
Visual Communications C...
4300FLC VCC-4300FLC Datasheet
86Kb / 1P
T-1 Solid State LED Lamps
4302T-5V VCC-4302T-5V Datasheet
84Kb / 1P
Sub Miniature 1.65mm Integrated Resistor-5 Volts
4307T VCC-4307T Datasheet
80Kb / 1P
Solid State LED Lamps-Sub Miniature 1.65mm
logo
Fairchild Semiconductor
MV5074C FAIRCHILD-MV5074C Datasheet
102Kb / 4P
SOLID STATE LAMPS
logo
Lite-On Technology Corp...
LTL-4201 LITEON-LTL-4201 Datasheet
625Kb / 6P
T-1 (3mm) Solid State LED Lamps
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com