Electronic Components Datasheet Search
  English  ▼

X  

KM Datasheet(PDF) 1 Page - C&K Components

Part # KM
Description  Subminiature Pushbutton Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KM Datasheet(HTML) 1 Page - C&K Components

  KM Datasheet HTML 1Page - C&K Components KM Datasheet HTML 2Page - C&K Components KM Datasheet HTML 3Page - C&K Components KM Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
A-67
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ckswitches.com
A
KM Series
Subminiature Pushbutton Switches
Features/Benefits
• Reliable contact design
• Available with pretravel
and overtravel
• RoHS compliant
Typical Applications
• Alarm systems
• Computers
• Detector switch application
Specifications
CONTACT RATING: Q contact material (KM11, KM12 Models):
0.25 AMPS @ 125 V AC or DC (UL). See following pages for
additional ratings.
ELECTRICAL LIFE: 10,000 actuations min. at full load
CONTACT RESISTANCE: Below 30 mΩ typ. initial @ 2-4 V DC,
100 mA, for both silver and gold plated contacts
INSULATION RESISTANCE: 109Ω min.
DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level
OPERATING TEMPERATURE: –30ºC to 85ºC
CAP INSTALLATION FORCE: 10 lbs. max. permissible
NOTE: Any models supplied with Q or B contact material are RoHS compliant.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Materials
HOUSING & BUSHING: 6/6 nylon (UL94V-2), black
ACTUATOR: 6/6 nylon (UL 94V-2), natural. Internal o-ring seal,
available on KM11 models
MOVABLE CONTACT: B contact material: Bronze or copper,
with gold plate over nickel plate. See following pages for
additional contact materials.
STATIONARY CONTACTS & TERMINALS: B contact material:
Copper, with gold plate over nickel plate. See following pages for
additional contact materials.
RETURN SPRING: Music wire, phosphor coated
MOUNTING NUT: Brass, nickel plated
TERMINAL SEAL: Epoxy
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown
and described on following pages. For additional options not shown in catalog, consult Customer Service Center.
Switch Function
KM12 On-Mom., SPDT
KM11 Off-Mom., SPST, N.O.
Actuator
02 .398” high, .122” dia. KM12
01 .122” dia. KM11
Contact Material
B Gold
Q Silver
Seal
NONE No seal
E Epoxy
Bushing/Mounting Style
A Right angle
RR 1/4-40 thread, .225” high
Models Available
Terminations
05 .110” quick connect
08 Right angle, PC thru-hole
02 PC Thru-hole
8 Aug 22


Similar Description - KM

ManufacturerPart #DatasheetDescription
logo
ITT Industries
8500 ITT-8500 Datasheet
585Kb / 5P
Subminiature Pushbutton Switches
KM1202A05B ITT-KM1202A05B Datasheet
234Kb / 4P
Subminiature Pushbutton Switches
logo
GREATECS
HB15SKW01-5C-CB GREATECS-HB15SKW01-5C-CB Datasheet
150Kb / 2P
Illuminated Subminiature Pushbutton Switches
logo
C&K Components
8500 CK-COMPONENTS-8500 Datasheet
342Kb / 5P
Subminiature Pushbutton Switches
KM1202A05BE CK-COMPONENTS-KM1202A05BE Datasheet
200Kb / 4P
Subminiature Pushbutton Switches
logo
Grayhill, Inc
38GWSP8M7RT GRAYHILL-38GWSP8M7RT Datasheet
379Kb / 4P
Sealed Subminiature Pushbutton Switches
logo
Copal Electronics
AP_SERIES COPAL-AP_SERIES Datasheet
858Kb / 5P
Subminiature Pushbutton Switches
APE COPAL-APE Datasheet
407Kb / 4P
Subminiature Pushbutton Switches
logo
C&K Components
KM11 CK-COMPONENTS-KM11 Datasheet
239Kb / 4P
Subminiature Pushbutton Switches
8500 CK-COMPONENTS-8500_V01 Datasheet
784Kb / 5P
Subminiature Pushbutton Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com