Electronic Components Datasheet Search
  English  ▼

X  

KS Datasheet(PDF) 3 Page - C&K Components

Part # KS
Description  Single Pole Key Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KS Datasheet(HTML) 3 Page - C&K Components

  KS Datasheet HTML 1Page - C&K Components KS Datasheet HTML 2Page - C&K Components KS Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
D
D–24
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
TERMINATION
C PC THRU-HOLE
.090
[2,29]
.298
[7,57]
.059
[1,5]
.152
[3,86]
.028 TRAVEL
[0,71]
PC MOUNTING
MULTIPLE SWITCH SPACING
.500
(12,70)
.500
(12,70)
.094
[2,39]
.094
[2,39]
.097
[2,46]
.203
[5,16]
.097
[2,46]
.103
[2,62]
.097
[2,46]
.048 TYP
[1,22]
.094
[2,39]
.094
[2,39]
.097
[2,46]
.203
[5,16]
.097
[2,46]
.103
[2,62]
.097
[2,46]
.048 TYP
[1,22]
D NO EPOXY SEAL
E EPOXY SEAL
KS
Single Pole Key Switches
OPTION
CONTACT
TERMINAL
CODE
MATERIAL
PLATING
RATINGS
Q
SILVER2
SILVER2
POWER
25 mA MAX. @ 50 V AC OR DC MAX.
B
GOLD1
GOLD1
LOW LEVEL/DRY CIRCUIT
0.4 VA MAX. @ 20 V AC OR DC MAX.
1) MOVABLE CONTACT: Stainless steel, with gold plate over nickel plate.
STATIONARY CONTACTS & ALL TERMINALS: Copper alloy, with gold plate over
nickel plate.
2) MOVABLE CONTACT: Stainless steel, silver plated.
STATIONARY CONTACTS & ALL TERMINALS: Copper alloy, silver plated.
EPOXY
CONTACT MATERIAL
SEAL
KS11
KS12
NOTE: Any models supplied with Q or B contact material are RoHS compliant.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com