Electronic Components Datasheet Search
  English  ▼

X  

KSC1 Datasheet(PDF) 8 Page - C&K Components

Part # KSC1
Description  Sealed Tact Switch for SMT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSC1 Datasheet(HTML) 8 Page - C&K Components

Back Button KSC1 Datasheet HTML 4Page - C&K Components KSC1 Datasheet HTML 5Page - C&K Components KSC1 Datasheet HTML 6Page - C&K Components KSC1 Datasheet HTML 7Page - C&K Components KSC1 Datasheet HTML 8Page - C&K Components KSC1 Datasheet HTML 9Page - C&K Components KSC1 Datasheet HTML 10Page - C&K Components KSC1 Datasheet HTML 11Page - C&K Components KSC1 Datasheet HTML 12Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
B
B–82
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
B–82
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
KSC3 Series
Sealed Tact Switch for SMT
1 mar 17
1
+0,3
6,2 0
ø 2,8
LFS Lead free compatible, silver plated
LFG Lead free compatible, gold plated
Contact Material
1 Silver
3 Gold
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
However, please note that all the combinations of these options are not feasible.
For any part number different from those listed above, please consult your local representative.
K S C 3
Operating Force
2 2 N (200 grams)
4 3 N (300 grams)
5 5 N (500 grams)
See mechanical chart above
to confirm specifications
Termination
J J bend
G Gullwing
Operating
Operating
Type
force FA
life
Travel
(Newtons)
(operations)
(mm)
KSC321
2 ± 0.4
300,000
0.2 + 0.3/- 0
KSC341
3 ± 0.75
300,000
0.2 + 0.3/- 0
KSC351
5 ± 1
100,000
0.25 + 0.3/- 0
KSC3 hard actuator 3,5 mm high
Packaging
Switches delivered on continuous tape & reels of 2,000 pieces
Dimensions according to EIA RS-481/ IEC 60286-3 standard
External diameter 330 ± 2 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com