Electronic Components Datasheet Search
  English  ▼

X  

KSC4 Datasheet(PDF) 12 Page - C&K Components

Part # KSC4
Description  Sealed Tact Switch for SMT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSC4 Datasheet(HTML) 12 Page - C&K Components

Back Button KSC4 Datasheet HTML 8Page - C&K Components KSC4 Datasheet HTML 9Page - C&K Components KSC4 Datasheet HTML 10Page - C&K Components KSC4 Datasheet HTML 11Page - C&K Components KSC4 Datasheet HTML 12Page - C&K Components KSC4 Datasheet HTML 13Page - C&K Components KSC4 Datasheet HTML 14Page - C&K Components KSC4 Datasheet HTML 15Page - C&K Components KSC4 Datasheet HTML 16Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
B
B–86
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
KSC OF Series
Overload Friendly Tact Switch
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
For any part number different from those listed above, please consult your local representative.
Features/Benefits
• Extended cage for mechanical stop
• Silicone actuator
• J termination
• Tape & reel
• IP67
- Life time is 300,000 cycles at 20N actuation force
- The extended cage can be used as mechanical stop for the activation
button
- Overload value reaches 200N (one time)
Packaging
In reels of 1,000 pieces
Dimensions of reels according to EIA RS481 or IEC 2863
External diameter 330 ± 2 mm
Typical Applications
• Industrial electronics
• Consumer
• Medical equipment
• Automotive interior
LFS Lead free compatible, silver plated
Force
2 1.65 N
4 4.0 N
K
S
C
Contact Material
1 Silver
Actuator / Tactile
70SH Silicon 70SH
L
F
S
70SH
Type
Force
(N)
Life
Travel
(mm)
KSC421J 70SH LFS OF 1.65+/-0.45
300,000
0.5+/-0.25
KSC441J 70SH LFS OF
4.0+/-1.0
300,000
0.65+0.3/-0.2
6,2+0,3
0
0,1
4,725 0,1
2,5 0,1
3,3 mini
6,8+0,3
-0,1
*
Termination
J J bend
O
F
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com