Electronic Components Datasheet Search
  English  ▼

X  

KSC6 Datasheet(PDF) 19 Page - C&K Components

Part # KSC6
Description  Sealed Tact Switch for SMT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSC6 Datasheet(HTML) 19 Page - C&K Components

Back Button KSC6 Datasheet HTML 14Page - C&K Components KSC6 Datasheet HTML 15Page - C&K Components KSC6 Datasheet HTML 16Page - C&K Components KSC6 Datasheet HTML 17Page - C&K Components KSC6 Datasheet HTML 18Page - C&K Components KSC6 Datasheet HTML 19Page - C&K Components KSC6 Datasheet HTML 20Page - C&K Components KSC6 Datasheet HTML 21Page - C&K Components KSC6 Datasheet HTML 22Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
B–93
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
B
19 Nov 21
+0,3
6,2 0
0,1
+0,2
6,8 -0,1
3,3 min
ø 4,7±0,1
ø 2,95±0,02
*
LFS Lead free compatible, silver plated.
LFG Lead free compatible, gold plated.
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
For any part number different from those listed above, please consult your local representative.
Operating Force
2 1.7 N (170 grams)
3 2.55 N (255 grams)
4 3.4 N (340 grams)
K S C
Contact Material
1 Silver
3 Gold
Termination
J J bend
G Gullwing
9
S C 9
B T N
Type
NONE 15.4mm height mounted
Color
20 Light grey
40 Red
80 White
90 Black
K
KSC9 Series
Sealed Tact Switches for SMT
Operating
Operating
Type
force FA
life
Travel
(Newtons)
(operations)
(mm)
KSC921
1.7 ± 0.5
300,000
0.4 ± 0.2
KSC931
2.25 ± 0.65
300,000
0.4 ± 0.2
KSC941
3.4 ± 0.85
300,000
0.4 ± 0.2
KSC9 hard actuator 7,7 mm high
Packaging
Switches delivered on continuous tape & reels of 950 pieces
Dimensions according to EIA RS-481/ IEC 60286-3 standard
External diameter 380 ± 2 mm
R 0,25
ø 6,35
ø 6
SWITCH WITH CAP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com