Electronic Components Datasheet Search
  English  ▼

X  

74F410 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74F410
Description  Register stack 16x4 RAM 3-State output register
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F410 Datasheet(HTML) 5 Page - NXP Semiconductors

  74F410 Datasheet HTML 1Page - NXP Semiconductors 74F410 Datasheet HTML 2Page - NXP Semiconductors 74F410 Datasheet HTML 3Page - NXP Semiconductors 74F410 Datasheet HTML 4Page - NXP Semiconductors 74F410 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Philips Semiconductors FAST Products
Product specification
74F410
Register stack – 16
×4 RAM 3-State output register
January 8, 1990
5
AC WAVEFORMS
Waveform 1. Read cycle timing
CP
VM
VM
VM
VM
VM
VM
tsu(H)
th(H)
An
VM
tw(H)
tsu(L)
th(L)
VM
VM
Qn
tw(L)
tPLH
Waveform 2. Write cycle timing
WE
VM
VM
VM
VM
VM
VM
CS
tsu(H)
th(H)
tsu(L)
th(L)
tsu(L)
th(L)
VM
tsu(H)
th(H)
VM
VM
VM
VM
VM
tsu(H)
th(H)
An,
Dn
tsu(L)
th(L)
VM
VM
VM
VM
CS
WE
CP
Waveform 3. 3-State output enable time to high level
and output disable time from high level
VM
VM
VM
tPHZ
tPZH
VOH -0.3V
0V
OE
Qn
Waveform 4. 3-State output enable time to low level
and output disable time from low level
VM
VM
VM
tPLZ
tPZL
VOL +0.3V
Qn
OE
tPHL
NOTES:
1. For all waveforms, VM = 1.5V.
2. The shaded areas indicate when the input is permitted to change for predictable output performance.
TEST CIRCUIT AND WAVEFORM
tW
90%
VM
10%
90%
VM
10%
90%
VM
10%
90%
VM
10%
NEGATIVE
PULSE
POSITIVE
PULSE
tW
AMP (V)
0V
0V
tTHL (tf )
INPUT PULSE REQUIREMENTS
rep. rate
tW
tTLH
tTHL
1MHz
500ns 2.5ns
2.5ns
Input pulse definition
VCC
family
74F
D.U.T.
PULSE
GENERATOR
RL
CL
RT
VIN
VOUT
Test circuit for 3–state outputs
DEFINITIONS:
RL = Load resistor; see AC electrical characteristics for
value.
CL = Load capacitance includes jig and probe
capacitance; see AC electrical characteristics for
value
RT = Termination resistance should be equal to ZOUT of
pulse generators.
tTHL (tf )
tTLH (tr )
tTLH (tr )
AMP (V)
amplitude
3.0V
1.5V
VM
RL
7.0V
SWITCH POSITION
TEST
SWITCH
closed
open
All other
tPLZ, tPZL



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com