Electronic Components Datasheet Search
  English  ▼

X  

5360F3 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 5360F3
Description  T-1 Right Angle 4 Wide LED Assembly
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

5360F3 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  5360F3 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
5360 Series T-1 Right Angle 4 Wide LED Assembly
1-155
Chicago Miniature Lamp reserves the right to make specification revisions that enhance the design and/or performance of the product
147 Central Avenue
Hackensack, New Jersey 07601
Tel: 201-489-8989 • Fax: 201-489-6911
CHICAGO MINIATURE LAMP, INC.
WHERE INNOVATION COMES TO LIGHT
EL EC TR O- OP TIC AL C H ARAC T E R I S T I C S A N D RAT I N G S
5
5
5
5
3.0
3.0
3.0
3.0
2.1
2.2
2.2
2.0
30
30
30
30
Yellow
Green
Amber
Red
(V )
Max.
(V )
Typ.
Continuous
Forward
Current Max.
(mA)
Revers e
Breakdown
Voltage Min.
(V )
Forward V oltage
Emitted
Color
Part Number
5360F 1
5360F 3
5360F 5
5360F 7
Typical
Intens ity
(mcd)
10
7
16.3
6.3
10
10
10
10
Rated
Current
(mA)
5
5
5
5
7.5
2.7
2.2
5
5
1.9
1.8
1.8
20
7
7
7
Red
Yellow
Green
Red
5360F 1LC
5360F 5LC
5360F 7LC
5360F 1-5V
2.5
2.1
1.8
8
10
2.0
2.0
2.0
5
7.5
5
15
Amber
5360F 3-5V
8
10
585
562
603
650
(nm)
Wavelength
Peak
635
585
565
635
583
5
7.5
5
15
Green
5360F 5-5V
8
12
565
All dimensions in inches.
Features
•Quad assembly with 4 T-1 LEDs permits
easy installation, assures matched
height and center to center spacing,
reduces assembly time and costs.
•High Brite and Super Brite LEDs, high
light output, diffused lens.
•Standoffs prevent flux entrapment.
•Low current-only 2 mA needed.
Housing: Black Nylon, UL94V-O
Note: Alternate LEDs are also available
in this package as a standard variation.
Mounting hole pattern on page 1-X7.
.080
.170
.340
.510
.690 MAX .
.020
.140
.270 MAX .
.020
Ø.120 T Y P .
(ANODE )
IDE NT IF ICAT ION
POLAR IT Y
.090
.350
.200
.130
.080
.030 T Y P .
.020 T Y P .
.070 T Y P .
.100 T Y P .
.050 T Y P .


Similar Part No. - 5360F3

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
5360F3 VCC-5360F3 Datasheet
99Kb / 1P
T-1 Right Angle 4 Wide LED Assembly
5360F3-5V VCC-5360F3-5V Datasheet
99Kb / 1P
T-1 Right Angle 4 Wide LED Assembly
More results

Similar Description - 5360F3

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5324 CML-5324 Datasheet
67Kb / 1P
T-1 Right Angle 4 Wide LED Assembly
5326 CML-5326 Datasheet
72Kb / 1P
T-1 Right Angle 6 Wide LED Assembly
5365 CML-5365 Datasheet
67Kb / 1P
T-1 Right Angle 2 Wide LED Assembly
5644 CML-5644 Datasheet
74Kb / 1P
T-1 3/4 Right Angle 4 Wide LED Assembly
logo
Visual Communications C...
5324 VCC-5324 Datasheet
90Kb / 1P
T-1 Right Angle 4 Wide LED Assembly
5326 VCC-5326 Datasheet
92Kb / 1P
T-1 Right Angle 6 Wide LED Assembly
5360 VCC-5360 Datasheet
99Kb / 1P
T-1 Right Angle 4 Wide LED Assembly
5365 VCC-5365 Datasheet
81Kb / 1P
T-1 Right Angle 2 Wide LED Assembly
5640 VCC-5640 Datasheet
131Kb / 1P
T-1 3/4 Right Angle 4 Wide LED Assembly
5644 VCC-5644 Datasheet
100Kb / 1P
T-1 3/4 Right Angle 4 Wide LED Assembly
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com